Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2132FHN64/01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2132FHN64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2132FHN64/01 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2132FHN64/01 Datasheet HTML 1Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 2Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 3Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 4Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 5Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 6Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 7Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 8Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
LPC2131_32_34_36_38_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2007
2 of 39
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
I One (LPC2131/32) or two (LPC2134/36/38) 8-channel 10-bit ADCs provide a total of
up to 16 analog inputs, with conversion times as low as 2.44
µs per channel.
I Single 10-bit DAC provides variable analog output (LPC2132/34/36/38).
I Two 32-bit timers/external event counters (with four capture and four compare
channels each), PWM unit (six outputs) and watchdog.
I Low power Real-time clock with independent power and dedicated 32 kHz clock input.
I Multiple serial interfaces including two UARTs (16C550), two Fast I2C-bus (400 kbit/s),
SPI and SSP with buffering and variable data length capabilities.
I Vectored interrupt controller with configurable priorities and vector addresses.
I Up to forty-seven 5 V tolerant general purpose I/O pins in tiny LQFP64 or HVQFN
package.
I Up to nine edge or level sensitive external interrupt pins available.
I 60 MHz maximum CPU clock available from programmable on-chip PLL with settling
time of 100
µs.
I On-chip integrated oscillator operates with external crystal in range of 1 MHz to
30 MHz and with external oscillator up to 50 MHz.
I Power saving modes include Idle and Power-down.
I Individual enable/disable of peripheral functions as well as peripheral clock scaling
down for additional power optimization.
I Processor wake-up from Power-down mode via external interrupt or BOD.
I Single power supply chip with POR and BOD circuits:
N CPU operating voltage range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant I/O
pads.
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2131FBD64
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
× 10 × 1.4 mm
SOT314-2
LPC2131FBD64/01
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
× 10 × 1.4 mm
SOT314-2
LPC2132FBD64
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
× 10 × 1.4 mm
SOT314-2
LPC2132FBD64/01
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
× 10 × 1.4 mm
SOT314-2
LPC2132FHN64
HVQFN64 plastic thermal enhanced very thin quad flat
package; no leads; 64 terminals; body
9
× 9 × 0.85 mm
SOT804-2
LPC2132FHN64/01
HVQFN64 plastic thermal enhanced very thin quad flat
package; no leads; 64 terminals; body
9
× 9 × 0.85 mm
SOT804-2
LPC2134FBD64
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
× 10 × 1.4 mm
SOT314-2
LPC2134FBD64/01
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
× 10 × 1.4 mm
SOT314-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com