Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2132FHN64/01 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC2132FHN64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2132FHN64/01 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC2132FHN64/01 Datasheet HTML 28Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 29Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 30Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 31Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 32Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 33Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 34Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 35Page - NXP Semiconductors LPC2132FHN64/01 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
LPC2131_32_34_36_38_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2007
32 of 39
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
9.1 Timing
9.2 LPC2138 power consumption measurements
VDD = 1.8 V.
Fig 9.
External clock timing
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907
0.2VDD + 0.9 V
0.2VDD − 0.1 V
VDD − 0.5 V
0.45 V
Test conditions: code executed from flash; all peripherals are enabled in PCONP register; PCLK = CCLK/4.
(1) VDD = 3.6 V at −60 °C (max)
(2) VDD = 3.6 V at 140 °C
(3) VDD = 3.6 V at 25 °C
(4) VDD = 3.3 V at 25 °C (typical)
(5) VDD = 3.3 V at 95 °C (typical)
Fig 10. IDD(act) measured at different frequencies (CCLK) and temperatures
002aab404
20
10
30
40
0
frequency (MHz)
0
60
40
20
10
50
30
(1)
(2)
(3)
(4)
(5)
IDD (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com