Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8720 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC18F8720
Description  Rev. A4 Silicon/Data Sheet Errata
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8720 Datasheet(HTML) 5 Page - Microchip Technology

  PIC18F8720 Datasheet HTML 1Page - Microchip Technology PIC18F8720 Datasheet HTML 2Page - Microchip Technology PIC18F8720 Datasheet HTML 3Page - Microchip Technology PIC18F8720 Datasheet HTML 4Page - Microchip Technology PIC18F8720 Datasheet HTML 5Page - Microchip Technology PIC18F8720 Datasheet HTML 6Page - Microchip Technology PIC18F8720 Datasheet HTML 7Page - Microchip Technology PIC18F8720 Datasheet HTML 8Page - Microchip Technology PIC18F8720 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2005 Microchip Technology Inc.
DS80172C-page 5
PIC18F8720/8620/6720/6620
2.
Module: Timing Diagrams and
Specifications
Table 26-6: External Clock Timing Requirements
for PIC18FX620/X720 devices (page 322) has
been revised (changes and additions are shown in
bold text).
TABLE 26-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
3.
Module: CCP
In Section 23.3.1 “Wake-up From Sleep”, the list
of peripheral interrupts which can wake the device
from Sleep has been updated. From the list of
11 events, item 4 has been clarified and item 5 has
been removed. The list now reads as follows:
1. PSP read or write.
2. TMR1 interrupt. Timer1 must be operating as
an asynchronous counter.
3. TMR3 interrupt. Timer3 must be operating as
an asynchronous counter.
4. CCP Capture mode interrupt (Capture will not
occur).
5. MSSP (Start/Stop) bit detect interrupt.
6. MSSP transmit or receive in Slave mode
(SPI/I2C).
7. USART RX or TX (Synchronous Slave mode).
8. A/D conversion (when A/D clock source is RC).
9. EEPROM write operation complete.
10. LVD interrupt.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
25
MHz
EC, ECIO oscillator,
PIC18FX620/X720 (Industrial)
DC
16
MHz
EC, ECIO oscillator,
PIC18FX620/X720 (Extended)
Oscillator Frequency(1)
DC
4
MHz
RC oscillator
0.1
4
MHz
XT oscillator
4
25
MHz
HS oscillator (Industrial)
4
16
MHz
HS oscillator (Extended)
4
6.25
MHz
HS + PLL oscillator,
PIC18FX620/X720 (Industrial)
4
4
MHz
HS + PLL oscillator,
PIC18FX620/X720 (Extended)
5
33
kHz
LP Oscillator mode
1TOSC
External CLKI Period(1)
40
ns
EC, ECIO oscillator,
PIC18FX620/X720 (Industrial)
62.5
ns
EC, ECIO oscillator,
PIC18FX620/X720 (Extended)
Oscillator Period(1)
250
ns
RC oscillator
250
10,000
ns
XT oscillator
40
62.5
160
250
30
250
250
250
250
200
ns
ns
ns
ns
μs
HS oscillator (Industrial)
HS oscillator (Extended)
HS + PLL oscillator,
PIC18FX620/X720 (Industrial)
HS + PLL oscillator,
PIC18FX620/X720 (Extended)
LP Oscillator mode
Note
1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations except PLL. All
specified values are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min.” values with an external clock applied
to the OSC1/CLKI pin. When an external clock input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com