Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IR3628MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3628MPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3628MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3628MPBF Datasheet HTML 14Page - International Rectifier IR3628MPBF Datasheet HTML 15Page - International Rectifier IR3628MPBF Datasheet HTML 16Page - International Rectifier IR3628MPBF Datasheet HTML 17Page - International Rectifier IR3628MPBF Datasheet HTML 18Page - International Rectifier IR3628MPBF Datasheet HTML 19Page - International Rectifier IR3628MPBF Datasheet HTML 20Page - International Rectifier IR3628MPBF Datasheet HTML 21Page - International Rectifier IR3628MPBF Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
IR3628MPbF
08/10/2007
Stencil Design
The stencil apertures for the lead lands should be approximately 80% of the area of the lead lands.
Reducing the amount of solder deposited will minimize the occurrence of lead shorts. Since for 0.5mm
pitch devices the leads are only 0.25mm wide, the stencil apertures should not be made narrower;
openings in stencils < 0.25mm wide are difficult to maintain repeatable solder release.
The stencil lead land apertures should therefore be shortened in length by 80% and centered on the
lead land.
The land pad aperture should deposit approximately 50% area of solder on the center pad. If too
much solder is deposited on the center pad the part will float and the lead lands will be open.
The maximum length and width of the land pad stencil aperture should be equal to the solder resist
opening minus an annular 0.2mm pull back to decrease the incidence of shorting the center land to the
lead lands when the part is pushed into the solder paste.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com