Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCP8F01 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCP8F01
Description  TOSHIBA Multi-chip Device Silicon PNP Epitaxial Transistor , Field Effect Transistor Silicon N Channel MOS Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8F01 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCP8F01 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TPCP8F01
2006-11-13
5
Pulse width tw (s)
rth (j-c) – tw
Collector-emitter voltage
−VCEO (V)
Safe Operation Area
0.001
1
1
10
10
100
1000
1000
0.01
0.1
100
0.1
1
10
100
0.01
0.1
1
10
IC max (pulsed) *
10
μs*
100
μs*
1 ms*
IC max (continuous)
DC OPERATION
(Ta
= 25°C)
10 ms*
10 s*
Curves should be applied in thermal limited area.
Single nonrepetitive pulse Ta
= 25°C
Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
*: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms,
10 s and DC operation will be
different when the devices aren’t
mounted on an FR4 board (glass
epoxy, 1.6 mm thick, Cu area:
645 mm
2).
Single-device operation
These characteristic curves must
be derated linearly with increase
in temperature.
100 ms*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com