Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCP8F01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8F01
Description  TOSHIBA Multi-chip Device Silicon PNP Epitaxial Transistor , Field Effect Transistor Silicon N Channel MOS Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8F01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8F01 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPCP8F01
2006-11-13
1
TOSHIBA Multi-chip Device
Silicon PNP Epitaxial Transistor , Field Effect Transistor Silicon N Channel MOS Type
TPCP8F01
○
Swtching Applications
○
Load Switch Applications
○
Multi-chip discrete device; built-in PNP Transistor for
main switch and N-ch MOS FET for drive
• High DC current gain: hFE = 200 to 500 (IC = −0.5 A)
(PNP Transistor)
• Low collector-emitter saturation: VCE (sat) = −0.19 V (max)
(PNP Transistor)
• High-speed switching: tf = 40 ns (typ.) (PNP Transistor)
Absolute Maximum Ratings (Ta = 25°C)
Transistor
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−30
V
Collector-emitter voltage
VCEO
−20
V
Emitter-base voltage
VEBO
−7
V
DC
IC
−3.0
Collector current
Pulse
ICP
−5.0
A
Base current
IB
−250
mA
Collector power dissipation
PC (Note 1)
1.0
W
Junction temperature
Tj
150
°C
MOS FET
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Gate-source voltage
VGSS
±10
V
DC
ID
100
Drain current
Pulse
IDP
200
mA
Channel temperature
Tj
150
°C
Note 1: Mounted on FR4 board (glass epoxy, 1.6mm thick, Cu area: 645mm
2)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11
JEDEC
―
JEITA
―
TOSHIBA
2-3V1B
Weight : 0.017g (Typ.)
1.Source
2.Collector
3.Collector
4.Collector
5.Emitter
6.Base
7.Gate
8.Drain


Similar Part No. - TPCP8F01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8F01 TOSHIBA-TPCP8F01 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8F01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
16-Jan-2002
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
28-Mar-2003
TPCP8H01 TOSHIBA-TPCP8H01 Datasheet
253Kb / 8P
TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
13-Nov-2006
TPCP8H02 TOSHIBA-TPCP8H02 Datasheet
249Kb / 8P
TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
13-Nov-2006
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com