Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCP8H02 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8H02
Description  TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8H02 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8H02 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPCP8H02
2006-11-13
4
NPN
0.001
10
0.01
0.1
1
10
1000
100
Common emitter
VCE = 2 V
Single nonrepetitive pulse
Ta
= 100°C
−55°C
25°C
0.001
0.01
0.01
0.1
1
10
10
1
Ta
= −55°C
100°C
25°C
0.001
0.01
0.01
0.1
1
10
1
0.1
Common emitter
β
= 30
Single nonrepetitive pulse
Ta
= 100°C
−55°C
25°C
0
0
0.2
0.8
1.2
2.5
3.0
−55°C
Ta
= 100°C
25°C
Collector
−emitter voltage VCE
(V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Base
−emitter voltage VBE (V)
IC – VBE
0
0
0.4
0.8
1.6
2.4
0.5
2.5
3.0
Common emitter
Ta
= 25°C
Single nonrepetitive pulse
8 mA
4 mA
IB =2 mA
20 mA
10 mA
15 mA
1.2
2.0
1.5
2.0
1.0
6 mA
Common emitter
β
= 30
Single nonrepetitive pulse
Common emitter
VCE = 2 V
Single nonrepetitive pulse
1.5
0.5
1.0
1.0
2.0
0.4
0.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com