Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS103ACS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS103ACS
Description  Dual Operational Amplifiers and Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS103ACS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS103ACS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS103ACS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS103ACS
Taiwan Semiconductor
1
Version: E2103
Dual Operational Amplifiers and Voltage Reference
DESCRIPTION
The TS103 is a monolithic IC specifically designed to
control the output current and voltage levels of switch
mode battery chargers and power supplies. The device
contains two operational amplifiers and a precision
shunt regulator. OP AMP 1 is designed for voltage
control, whose non-inverting input internally connects to
the output of the shunt regulator. OP AMP 2 is for
current control with both inputs uncommitted. The IC
offers the power converter designer a control solution
that features increased precision with a corresponding
reduction in system complexity and cost.
FEATURES
Input Offset Voltage: 0.5mV
Supply Current: 250
μA per OP AMP @ 5V
Unity Gain Bandwidth: 1MHz
Output Voltage Swing: 0~(VCC – 1.5) V
Power Supply Voltage: 3~18V
Fixed Output Voltage Reference: 2.5V
1%
Sink Current Capability from 0.2~80mA
RoHS Compliant
Halogen-free according to IEC 61249-2-21
APPLICATION
Battery chargers
Switch-Mode Power Supplies
Linear voltage regulation
SOP-8
Pin Definition:
1. Output A
8. VCC
2. Input A (-)
7. Output B
3. Input A (+) / VKA
6. Input B (-)
4. GND
5. Input B (+)
Note: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TS103ACS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS103ACSRLG TSC-TS103ACSRLG Datasheet
344Kb / 6P
Dual Operational Amplifiers And Voltage Reference
More results

Similar Description - TS103ACS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103 Datasheet
365Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com