| Electronic Components Datasheet Search |
|
TMPR4937 Datasheet(PDF) 230 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Datasheet(HTML) 230 Page - Toshiba Semiconductor |
|
230 / 552 page ![]() Chapter 9 SDRAM Controller 9-14 9.3.10.2 ECC Error Notification When either an ECC error or a parity error occurs, error data is written into one of the following fields, then error notification is performed as described below: • Error Address Field (ERRAD) in the ECC Status Register (ECCSR) • Error ECC/Parity Mode Field (ERRMODE) • Error Memory Width Field (ERRMW) • Error Syndrome Field (ERRS) The Multi-bit Error bit (ECCSR.MBERR) of the ECC Status Register is set and an interrupt is generated if either an ECC multi-bit error or parity error is detected during any Read/Write access while the Multi-bit Error Interrupt Enable bit (ECCCR.MEI) is set. The Single-bit Error bit (ECCSR.SBERR) of the ECC Status Register is set and an interrupt is generated if an ECC single-bit error is detected during any Read/Write access while the Single-bit Error Interrupt Enable bit (ECCCR.SEI) is set. Multi-bit errors are assigned a higher priority than single-bit errors. If a multi-bit error is detected while the Single-bit Error bit (ECCSR.SBERR) is set, then the Single-bit Error bit (ECCSR.SBERR) is cleared, error data is written for the multi-bit error, then error notification is performed. If a single-bit error is detected while the Multi-bit Error bit (ECCSR.MBERR) is set, the Single-bit Error bit (ECCSR.SBERR) is not set and not error data is written. However, the single-bit error is corrected according to the usual procedure. The following error notification will also be performed if either an ECC multi-bit error or parity error is detected while the Multi-bit Error Bus Error Enable Bit (ECCCR.MEB) of the ECC Control Register is set. During read access by the TX49 core, bus error notification is sent to the TX49 core and an exception is generated. A nonmaskable interrupt is generated during Read-Modify-Write memory Read access that is performed when writing from the TX49 core data that is smaller than 64 bits. Bus error notification is sent to the appropriate bus master during Read/Write access from another bus master. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |