Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4937 Datasheet(PDF) 272 Page - Toshiba Semiconductor

Part # TMPR4937
Description  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 Datasheet(HTML) 272 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 268Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 269Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 270Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 271Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 272Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 273Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 274Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 275Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 276Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 552 page
background image
Chapter 10 PCI Controller
10-14
PCI Reset is detected by either using the PCI Bus Reset Signal as the TX4937 overall reset signal or
using the PCI Bus Reset Signal assertion detection device that the system provides. Then, the software
reset the PCI Controller. The software uses a hardware reset (PCICCFG.HRST) of the PCI Controller
Configuration Register to reset the PCI Controller.
10.3.9 Power Management
The TX4937 PCI Controller supports power management functions that are compliant to PCI Bus
Power Management Interface Specifications Version 1.1.
The PCI Host device controls the system status by reporting the power management state to the PCI
Satellite device. Also, the PCI Satellite device uses the PME* signal to report requests for changing the
power management state or to report to the PCI Host device that a power management event has
occurred.
10.3.9.1 Power Management State
In the case of the PCI Bus Power Management Interface Specifications, four power
management states are defined from State D0 to State D3. The TX4937 supports states D0 through
D3. Figure 10.3.7 illustrates the power management state transition.
After Power On Reset, or when transitioning from the D3HOT state to the D0 state, the power
management state becomes uninitialized D0. If initialized by the system software at this point, the
state transitions to D0 Active.
If an external PCI Host device writes 11b (D3HOT) to the PowerState field of the Power
Management Control Status Register (PMCSR) of the Configuration space when in the Satellite
mode, then the Power Management State Change bit (P2GSTATUS.PMSC) of the P2G Status
Register is set and transitions to the D3HOT state. It then becomes possible to report Power State
Change interrupts. The PowerState field value can be read from the PowerState field
(PCISSTATUS.PS) of the Satellite Mode PCI Status Register.
The TX4937 uses the software to change the system status after a status change is detected.
Figure 10.3.7 Transition of the Power Management States
D0
Uninitialized
D0 Active
D3hot
D3cold
PCI RST**
(RESET**)
VCCCut-off
Software Reset
Power On Reset
(RESET**)
Initialization by the
System Software
Change PMCSR
PowerState



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com