| Electronic Components Datasheet Search |
|
TMPR4937 Datasheet(PDF) 268 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Datasheet(HTML) 268 Page - Toshiba Semiconductor |
|
268 / 552 page ![]() Chapter 10 PCI Controller 10-10 Table 10.3.3 Initiator Access Space Properties Register Enable Word Swap Memory Space 0 BusMasterEnable & PCICCFG.G2PM0EN G2PM0GBASE.BSWAP Memory Space 1 BusMasterEnable & PCICCFG.G2PM1EN G2PM1GBASE.BSWAP Memory Space 2 BusMasterEnable & PCICCFG.G2PM2EN G2PM2GBASE.BSWAP I/O Space BusMasterEnable & PCICCFG.G2PIOEN G2PIOGBASE.BSWAP BusMasterEnable : Host mode: PCI State Command Register Bus Master Bit (PCISTATUS.BM) Satellite mode: Command Register Bus Master bit 10.3.5 Target Access (PCI Bus → G-Bus Address Conversion) During PCI target access, the PCI Bus address of the Bus transaction issued by the PCI Bus is converted into a G-Bus address and is used to issue a Bus transaction on the G-Bus. 40-bit PCI Bus addresses are used on the PCI Bus. Also, 36-bit physical addresses are used on the G-Bus. Three memory access windows and one I/O access window can be set in the PCI bus space (Figure 10.3.5). The size of each window is fixed. When Bus transactions to these access windows is issued on the PCI Bus, these Bus transactions are accepted as PCI target devices. The PCI Bus Address is converted into G-Bus addresses, then Bus transactions are issued to the G-Bus. The memory space window responds to the PCI memory space access command. The I/O space window responds to the PCI I/O space access command. Note: Byte swapping is always disabled when prefetch mode is disabled. When the G-Bus is configured for big-endian mode, the order of bits in a 32-bit word does not change during a PCI transfer. (The byte ordering changes.) Figure 10.3.5 Target Access Memory Window 0x00_0000_0000 0xFF_FFFF_FFFF 0x0_0000_0000 0x00_0000_0000 0xFF_FFFF_FFFF 0xF_FFFF_FFFF PCI I/O Space G-Bus Space PCI Memory Space Memory Access Window I/O Access Window 0x00_FFFF_FFFF 0x00_FFFF_FFFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |