| Electronic Components Datasheet Search |
|
TMPR4937 Datasheet(PDF) 266 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 Datasheet(HTML) 266 Page - Toshiba Semiconductor |
|
266 / 552 page ![]() Chapter 10 PCI Controller 10-8 Configuration cycles will be accepted as the target only when in the Satellite mode. After reset, Retry response to PCI Configuration access will continue until the software sets the Target Configuration Access Ready Bit (PCICFG.TCAR) of the PCI Controller Configuration Register. Please use the software to set this bit after the software initialization process ends and the software is ready to accept PCI configuration. • Interrupt Acknowledge This command issues interrupt acknowledge cycles as an initiator only when in the Host mode. Interrupt acknowledge cycles are executed on the PCI Bus when the G2P Interrupt Acknowledge Data Register (G2PINTACK) is read. The value returned by this Read becomes the interrupt acknowledge cycle data. The TX4937 does not support interrupt acknowledge cycles as the target. • Special Cycle This command issues specialy cycles as the initiator only when in the Host mode. This command issues special cycles on the PCI Bus when writing to the G2P Special Cycle Data Register (G2PSPC). The written value is output as the special cycle data. The TX4937 does not support special cycles as the target. 10.3.4 Initiator Access (G-Bus → PCI Bus Address Conversion) During PCI initiator access, the G-Bus address of the Burst transaction issued by the G-Bus that was converted into the PCI Bus address is used to issue a Burst transaction on the PCI Bus. 36-bit physical address (G-Bus addresses) are used on the G-Bus. Also, 40-bit PCI Bus addresses are used on the PCI Bus. Three memory access windows and one I/O access window can be set in the G-Bus space (Figure 10.3.3). The size of each window is variable. When Burst transactions are issued to these access windows on the G-Bus, then that G-Bus address is converted into a PCI Bus address that is used to issue a Burst transaction to the PCI Bus as the initiator. PCI memory access is issued when the access window is the memory access window. PCI I/O access is issued when the access window is the I/O access window. Dual access cycles are also issued to the PCI Bus when the PCI Bus address exceeds 0x00_FFFF_FFFF. Figure 10.3.3 Initiator Access Memory Window 0x00_0000_0000 0xFF_FFFF_FFFF 0x0_0000_0000 0x00_0000_0000 0xFF_FFFF_FFFF 0xF_FFFF_FFFF PCI I/O Space G-Bus Space PCI Memory Space Memory Access Window I/O Access Window |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |