Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3112/A Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3112/A
Description  PWM Control 3A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3112/A Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3112/A Datasheet HTML 1Page - AXElite technology co. ltd AX3112/A Datasheet HTML 2Page - AXElite technology co. ltd AX3112/A Datasheet HTML 3Page - AXElite technology co. ltd AX3112/A Datasheet HTML 4Page - AXElite technology co. ltd AX3112/A Datasheet HTML 5Page - AXElite technology co. ltd AX3112/A Datasheet HTML 6Page - AXElite technology co. ltd AX3112/A Datasheet HTML 7Page - AXElite technology co. ltd AX3112/A Datasheet HTML 8Page - AXElite technology co. ltd AX3112/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Mar. 06, 2015
AX3112/A
ELECTRICAL CHARACTERISTICS (VCC=12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
FB
VFB
IOUT=10mA
1.08 1.10 1.12
V
Under Voltage Lockout
UVLO Falling
-
6
-
V
UVLO Hysteresis
-
-
0.8
-
V
OVP detect voltage
VOVP FB floating
-
1.250
-
V
Line Regulation
-
VCC=10 ~ 40V
-
0.5
1
%
Load Regulation
-
IOUT=0 ~ 1A,
RSENSE = 140mΩ
-
0.3 0.6% mV
Quiescent Current
ICCQ VFB > 1.2V
-
3
6
mA
Oscillator frequency
FOSC
AX3112
80
100 120
KHz
AX3112A
280 350 420
Max. Duty Cycle (ON)
DC
Force driver on
VFB = 0.7V
-
100
-
%
Min. Duty Cycle (OFF)
Force driver off
VFB = 1.2V
-
0
-
Internal MOSFET RDSON
RDSON
VCC=12V, VFB = 0.7V
-
110
170
mΩ
Sense Voltage (BIN1)
VSENSE VSENSE1-VSENSE2
119
125 140
mV
Sense Voltage (BIN2)
VSENSE VSENSE1-VSENSE2
110
125 140
mV
Sense Voltage Hysteresis
VSENSE-h
-
45
-
mV
EN/CT pin logic input threshold
voltage
VEN
Shutdown mode
-
0.3
V
VCT
Auto restart, VFB<0.4V 0.5
1.5
EN/CT pin current
IEN/CT-C Charge current
-
-32
-
uA
EN/CT pin current
IEN/CT-D Discharge current
-
1.5
-
uA
Thermal shutdown Temp
TSD
-
160
-
°C
Thermal Shutdown Hysteresis
TSH
-
40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com