Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3112/A Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX3112/A
Description  PWM Control 3A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3112/A Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX3112/A Datasheet HTML 3Page - AXElite technology co. ltd AX3112/A Datasheet HTML 4Page - AXElite technology co. ltd AX3112/A Datasheet HTML 5Page - AXElite technology co. ltd AX3112/A Datasheet HTML 6Page - AXElite technology co. ltd AX3112/A Datasheet HTML 7Page - AXElite technology co. ltd AX3112/A Datasheet HTML 8Page - AXElite technology co. ltd AX3112/A Datasheet HTML 9Page - AXElite technology co. ltd AX3112/A Datasheet HTML 10Page - AXElite technology co. ltd AX3112/A Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Mar. 06, 2015
AX3112/A
The maximum output current table is shown as below;
Please refer the table to design.
RSENSE (Ω) Maximum Output Current (A)
50m
2.05
100m
1.03
Freq =350KHz
Freq =100KHz
Thermal Considerations
The SOP-8L-EP package needs a heat sink under most conditions. The heat sink
connect exposed pad of AX3112/A to obtain best effect. The size of the heat sink depends
on the input voltage, output voltage, output current and ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com