| Electronic Components Datasheet Search |
|
UPSD3422 Datasheet(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Datasheet(HTML) 111 Page - STMicroelectronics |
|
111 / 293 page ![]() uPSD34xx IrDA interface 111/293 22 IrDA interface uPSD34xx devices provide an internal IrDA interface that will allow the connection of the UART1 serial interface directly to an external infrared transceiver device. The IrDA interface does this by automatically shortening the pulses transmitted on UART1’s TxD1 pin, and stretching the incoming pulses received on the RxD1 pin. Reference Figures 39 and 40. When the IrDA interface is enabled, the output signal from UART1’s transmitter logic on pin TxD1 is compliant with the IrDA Physical Layer Link Specification v1.4 (www.irda.org) operating from 1.2k bps up to 115.2k bps. The pulses received on the RxD1 pin are stretched by the IrDA interface to be recognized by UART1’s receiver logic, also adhering to the IrDA specification up to 115.2k bps. Note: In Figure 40 a logic '0' in the serial data stream of a UART Frame corresponds to a logic high pulse in an IR Frame. A logic '1' in a UART Frame corresponds to no pulse in an IR Frame. Figure 39. IrDA interface Figure 40. Pulse shaping by the IrDA interface UART1 IrDA Interface TxD RxD uPSD34xx IrDA Transceiver TxD1-IrDA RxD1-IrDA SIRClk AI10437 Start Bit 01 0 1 1 1 1 00 0 Stop Bit UART Frame Data Bits Bit Time Pulse Width = 3/16 Bit Time Start Bit 01 0 1 1 1 1 00 0 Stop Bit UART Frame IR Frame IR Frame Data Bits AI10438 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |