| Electronic Components Datasheet Search |
|
UPSD3422 Datasheet(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Datasheet(HTML) 117 Page - STMicroelectronics |
|
117 / 293 page ![]() uPSD34xx I2C interface 117/293 A few things to know related to these transfers: ● Either the Master or Slave device can hold the SCL clock line low to indicate it needs more time to handle a byte transfer. An indefinite holding period is possible. ● A START condition is generated by a Master and recognized by a Slave when SDA has a 1-to-0 transition while SCL is high (Figure 42 on page 117). ● A STOP condition is generated by a Master and recognized by a Slave when SDA has a 0-to1 transition while SCL is high (Figure 42 on page 117). ● A RE-START (repeated START) condition generated by a Master can have the same function as a STOP condition when starting another data transfer immediately following the previous data transfer (Figure 42 on page 117). ● When transferring data, the logic level on the SDA line must remain stable while SCL is high, and SDA can change only while SCL is low. However, when not transferring data, SDA may change state while SCL is high, which creates the START and STOP bus conditions. ● An Acknowlegde bit is generated from a Master or a Slave by driving SDA low during the “ninth” bit time, just following each 8-bit byte that is transfered on the bus (Figure 42 on page 117). A Non-Acknowledge occurs when SDA is asserted high during the ninth bit time. All byte transfers on the I2C bus include a 9th bit time reserved for an Acknowlege (ACK) or Non-Acknowledge (NACK). ● An additional Master device that desires to control the bus should wait until the bus is not busy before generating a START condition so that a possible Slave operation is not interrupted. ● If two Master devices both try to generate a START condition simultaneously, the Master who looses arbitration will switch immediately to Slave mode so it can recoginize its own Slave address should it appear on the bus. Figure 42. Data Transfer on an I2C Bus 23.3 Operating modes The I2C interface supports four operating modes: ● Master-Transmitter ● Master-Receiver ● Slave-Transmitter ● Slave-Receiver MSB 7-bit Slave Address READ/WRITE Indicator Acknowledge bits from receiver Start Condition Clock can be held low to stall transfer. Repeated if more data bytes are transferred. Repeated Start Condition Stop Condition 12 7 8 9 3-6 1 2 9 3-8 MSB ACK ACK NACK R/W AI09625 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |