Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP92CD54IF Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMP92CD54IF
Description  32-bit Micro-controller
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92CD54IF Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP92CD54IF Datasheet HTML 73Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 74Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 75Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 76Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 77Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 78Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 79Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 80Page - Toshiba Semiconductor TMP92CD54IF Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 343 page
background image
2006-01-27
92CD54I-77
TMP92CD54I
3.7.2
Operation of each circuit
(1) Prescalers
A 9-bit prescaler generates the input clock to timers 01.
The clock T0 is the CPU clock fc divided by 4 and is the input to this prescaler.
The prescaler’s operation can be controlled using TRUN01<T01PRUN> in the timer
control register. Setting <T01PRUN> to 1 starts the count; setting <T10PRUN> to 0
clears the prescaler to zero and stops operation.
At fc=20MHz
Output clock
Interval
φT1 (8/fc)
φT4 (32/fc)
φT16 (128/fc)
φT256 (2048/fc)
400 ns
1.6
µs
6.4
µs
102.4
µs
0
1
2
3
4
5
6
7
8
9-bit prescaler
O
S
C
X1
X2
×4
÷2
(10MHz)
(10MHz)
÷4
÷2
φT0
φT1
φT4
φT16
φT256
φT2
φT8
φT32
run/stop & clear
TRUN01<T01PRUN>
fIO (internal I/O clock)
CPU clock fc (20MHz)
.
4/fc
φT1
φT4
Figure 3.7.5 Prescaler
Note: The following number in the parenthesis indicates the
frequency when TMP92CD54I operates is the maximum
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com