Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 55 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 55 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 51Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 52Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 53Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 54Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 55Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 56Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 57Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 58Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 293 page
background image
uPSD34xx
Interrupt system
55/293
13.1
Individual interrupt sources
13.1.1
External interrupts Int0 and Int1
External interrupt inputs on pins EXTINT0 and EXTINT1 (pins 3.2 and 3.3) are either edge-
triggered or level-triggered, depending on bits IT0 and IT1 in the SFR named TCON.
When an external interrupt is generated from an edge-triggered (falling-edge) source, the
appropriate flag bit (IE0 or IE1) is automatically cleared by hardware upon entering the ISR.
When an external interrupt is generated from a level-triggered (low-level) source, the
appropriate flag bit (IE0 or IE1) is NOT automatically cleared by hardware.
13.1.2
Timer 0 and 1 overflow interrupt
Timer 0 and Timer 1 interrupts are generated by the flag bits TF0 and TF1 when there is an
overflow condition in the respective Timer/Counter register (except for Timer 0 in Mode 3).
13.1.3
Timer 2 overflow interrupt
This interrupt is generated to the MCU by a logical OR of flag bits, TF2 and EXE2. The ISR
must read the flag bits to determine the cause of the interrupt.
●
TF2 is set by an overflow of Timer 2.
●
EXE2 is generated by the falling edge of a signal on the external pin, T2X (pin P1.1).
13.1.4
UART0 and UART1 interrupt
Each of the UARTs have identical interrupt structure. For each UART, a single interrupt is
generated to the MCU by the logical OR of the flag bits, RI (byte received) and TI (byte
transmitted).
The ISR must read flag bits in the SFR named SCON0 for UART0, or SCON1 for UART1 to
determine the cause of the interrupt.
13.1.5
SPI interrupt
The SPI interrupt has four interrupt sources, which are logically ORed together when
interrupting the MCU. The ISR must read the flag bits to determine the cause of the
interrupt.
A flag bit is set for: end of data transmit (TEISF); data receive overrun (RORISF); transmit
buffer empty (TISF); or receive buffer full (RISF).
13.1.6
I2C interrupt
The flag bit INTR is set by a variety of conditions occurring on the I2C interface: received
own slave address (ADDR flag); received general call address (GC flag); received STOP
condition (STOP flag); or successful transmission or reception of a data byte.The ISR must
read the flag bits to determine the cause of the interrupt.
13.1.7
ADC interrupt
The flag bit AINTF is set when an A-to-D conversion has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com