Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 86 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 82Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 83Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 84Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 85Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 86Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 87Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 88Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 89Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 293 page
background image
Supervisory functions
uPSD34xx
86/293
In this example,
tMACH_CYC = 100ns (4 MCU_CLK periods x 25ns)
NOVERFLOW = 2
24 = 16777216 up-counts
WDTPERIOD = 100ns X 16777216 = 1.67 seconds
The actual value will be slightly longer due to PFQ/BC.
19.5.1
Firmware Example:
The following 8051 assembly code illustrates how to operate the WDT. A simple statement
in the reset initialization firmware enables the WDT, and then a periodic write to clear the
WDT in the main firmware is required to keep the WDT from overflowing. This firmware is
based on the example above (40MHz fOSC, CCON0 = 10h, BUSCON = C1h).
For example, in the reset initialization firmware (the function that executes after a jump to
the reset vector):
Somewhere in the flow of the main program, this statement will execute periodically to reset
the WDT before its time-out period of 1.67 seconds. For example:
Table 39.
WDKEY: Watchdog timer key register (SFR AEh, reset value 55h)
Table 40.
WDRST: Watchdog timer reset counter register (SFR A6h, reset value
00h)
MOV AE, #AA
; enable WDT by writing value to
; WDKEY other than 55h
MOV A6, #00
; reset WDT, loading 000000h.
; Counting will automatically
; resume as long as 55h in not in
; WDKEY
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDKEY[7:0]
Bit
Symbol
R/W
Definition
[7:0]
WDKEY
W
55h disables the WDT from counting. 55h is automatically
loaded in this SFR after any reset condition, leaving the WDT
disabled by default.
Any value other than 55h written to this SFR will enable the
WDT, and counting begins.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDRST[7:0]
Bit
Symbol
R/W
Definition
[7:0]
WDRST
W
This SFR is the upper byte of the 24-bit WDT up-counter.
Writing this SFR sets the upper byte of the counter to the
written value, and clears the lower two bytes of the counter to
0000h.
Counting begins when WDKEY does not contain 55h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com