Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 135 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 135 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 131Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 132Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 133Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 134Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 135Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 136Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 137Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 138Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 293 page
background image
uPSD34xx
SPI (synchronous peripheral interface)
135/293
24.1
SPI bus features and communication flow
The SPICLK signal is a gated clock generated from the uPSD34xx (Master) and regulates
the flow of data bits. The Master may transmit at a variety of baud rates, and the SPICLK
signal will clock one period for each bit of transmitted data. Data is shifted on one edge of
SPICLK and sampled on the opposite edge.
The SPITxD signal is generated by the Master and received by the Slave device. The
SPIRxD signal is generated by the Slave device and received by the Master. There may be
no more than one Slave device transmitting data on SPIRxD at any given time in a multi-
Slave configuration. Slave selection is accomplished when a Slave’s “Slave Select” (SS)
input is permanently grounded or asserted active-low by a Master device. Slave devices that
are not selected do not interfere with SPI activities. Slave devices ignore SPICLK and keep
their MISO output pins in high-impedance state when not selected.
The SPI specification allows a selection of clock polarity and clock phase with respect to
data. The uPSD34xx supports the choice of clock polarity, but it does not support the choice
of clock phase (phase is fixed at what is typically known as CPHA = 1). See Figure 46 and
Figure 47 on page 137 for SPI data and clock relationships.
Referring to these figures (46 and 47), when the phase mode is defined as such (fixed at
CPHA =1), in a new SPI data frame, the Master device begins driving the first data bit on
SPITxD at the very first edge of the first clock period of SPICLK.
The Slave device will use this first clock edge as a transmission start indicator, and therefore
the Slave’s Slave Select input signal may remain grounded in a single-Master/single-Slave
configuration (which means the user does not have to use the SPISEL signal from
uPSD34xx in this case).
The SPI specification does not specify high-level protocol for data exchange, only low-level
bit-serial transfers are defined.
24.2
Full-duplex operation
When an SPI transfer occurs, 8 bits of data are shifted out on one pin while a different 8 bits
of data are simultaneously shifted in on a second pin. Another way to view this transfer is
that an 8-bit shift register in the Master and another 8-bit shift register in the Slave are
connected as a circular 16-bit shift register. When a transfer occurs, this distributed shift
register is shifted 8 bit positions; thus, the data in the Master and Slave devices are
effectively exchanged (see Figure 45).
24.3
Bus-level activity
Figure 46 details an SPI receive operation (with respect to bus Master) and Figure 47
details an SPI transmit operation. Also shown are internal flags available to firmware to
manage data flow. These flags are accessed through a number of SFRs.
Note:
The uPSD34xx SPI interface SFRs allow the choice of transmitting the most significant bit
(MSB) of a byte first, or the least significant bit (LSB) first. The same bit-order applies to data
reception. Figures 46 and 47 illustrate shifting the LSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com