Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 141 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 141 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 137Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 138Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 139Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 140Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 141Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 142Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 143Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 144Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 293 page
background image
uPSD34xx
SPI (synchronous peripheral interface)
141/293
Table 64.
SPICON1: SPI interface control register 1 (SFR D7h, reset value 00h)
Table 65.
SPICLKD: SPI prescaler (clock divider) register (SFR D2h, reset value
04h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–––
TEIE
RORIE
TIE
RIE
Bit
Symbol
R/W
Definition
7-4
–
–
Reserved
3TEIE
RW
Transmission End Interrupt Enable
0 = Disable Interrupt for Transmission End
1 = Enable Interrupt for Transmission End
2RORIE
RW
Receive Overrun Interrupt Enable
0 = Disable Interrupt for Receive Overrun
1 = Enable Interrupt for Receive Overrun
1TIE
RW
Transmission Interrupt Enable
0 = Disable Interrupt for SPITDR empty
1 = Enable Interrupt for SPITDR empty
0RIE
RW
Reception Interrupt Enable
0 = Disable Interrupt for SPIRDR full
1 = Enable Interrupt for SPIRDR full
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DIV128
DIV64
DIV32
DIV16
DIV8
DIV4
–
–
Bit
Symbol
R/W
Definition
7DIV128
RW
0 = No division
1 = Divide fOSC clock by 128
6DIV64
RW
0 = No division
1 = Divide fOSC clock by 64
5DIV32
RW
0 = No division
1 = Divide fOSC clock by 32
4DIV16
RW
0 = No division
1 = Divide fOSC clock by 16
3DIV8
RW
0 = No division
1 = Divide fOSC clock by 8
2DIV4
RW
0 = No division
1 = Divide fOSC clock by 4
1-0
Not Used
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com