| Electronic Components Datasheet Search |
|
UPSD3422EB40U6T Datasheet(PDF) 147 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6T Datasheet(HTML) 147 Page - STMicroelectronics |
|
147 / 293 page ![]() uPSD34xx USB interface 147/293 25.2 Types of transfers The USB specification defines four types of transfers, Bulk, Interrupt, Isochronous, and Control. Note: The uPSD34xx supports all types of transfers except Isochronous. ● Bulk Transfers (see Figure 51) Bulk data is transferred in both directions and is used with both IN and OUT endpoints. Packets may be 8, 16, 32, or 64 bytes in length. Bulk transfers occur in bursts, and are scheduled by the host when there is available time on the bus. While there is no guaranteed delivery time for bulk transfers, the accuracy of the data is guaranteed due to automatic retries for erroneous data. Bulk transfers are typically used for mass storage, printer, and scanner data. ● Interrupt Transfers (see Figure 52) Interrupt data is a lot like bulk data but travels only in one direction, from the device to the host, so only IN endpoints are used. Interrupt data holds packet sizes ranging from 1 to 64 bytes. Interrupt endpoints have an associated polling interval, meaning that the host sends IN tokens at a periodic interval to the host on a regular basis. Interrupt transfers are typically used for human interface devices such as keyboards, mice, and joysticks. Figure 51. IN and OUT Bulk Transfers Figure 52. Interrupt Transfer Token Packet Data Packet Handshake Packet IN ADDR ENDP CRC5 CRC16 ACK Data1 Payload Data Token Packet Data Packet Handshake Packet OUT ADDR ENDP CRC5 CRC16 ACK Data1 Payload Data AI10490 Token Packet Data Packet Handshake Packet IN ADDR ENDP CRC5 CRC16 ACK Data1 Payload Data AI10491 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |