Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 243 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 243 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 239Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 240Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 241Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 242Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 243Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 244Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 245Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 246Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 293 page
background image
uPSD34xx
PSD module
243/293
register to “output” at run-time for all unused inputs. This will prevent the CMOS input buffers
of unused input pins from drawing excessive current.
The csiop PMMR register definitions are shown in Table 144 through Table 146 on
page 244.
Table 144.
Power management mode register PMMR0 (address = csiop + offset B0h)
Note:
All the bits of this register are cleared to zero following Power-up. Subsequent Reset (RST)
pulses do not clear the registers.
Note:
1
Blocking bits should be set to logic ’1’ only if the signal is not needed in a DPLD or GPLD
logic equation.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
APD Enable
0
Automatic Power Down (APD) counter is disabled.
1
APD counter is enabled
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
PLD Turbo
Disable
0 =
on
PLD Turbo mode is on
1 =
off
PLD Turbo mode is off, saving power.
Bit 4
Blocking Bit,
CLKIN to
PLDs(1)
0 =
on
CLKIN (pin PD1) to the PLD Input Bus is not blocked. Every transition of
CLKIN powers-up the PLDs.
1 =
off
CLKIN input to PLD Input Bus is blocked, saving power. But CLKIN still
goes to APD counter.
Bit 5
Blocking Bit,
CLKIN to
OMCs
Only(1)
0 =
on
CLKIN input is not blocked from reaching all OMCs’ common clock
inputs.
1 =
off
CLKIN input to common clock of all OMCs is blocked, saving power. But
CLKIN still goes to APD counter and all PLD logic besides the common
clock input on OMCs.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com