Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 264 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 264 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 260Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 261Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 262Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 263Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 264Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 265Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 266Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 267Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 293 page
background image
DC and AC parameters
uPSD34xx
264/293
Table 154.
AC signal behavior symbols for timing
Note:
Example: tAVLX = Time from Address Valid to ALE Invalid.
Figure 98.
Switching waveforms – key
Table 155.
Major parameters
tTime
L
Logic Level Low or ALE
H
Logic Level High
V
Valid
X
No Longer a Valid Logic Level
Z
Float
PW
Pulse Width
Parameter
Test
Conditions/Comments
5.0V Value
3.3V Value
Unit
Operating Voltage
–
4.5 to 5.5
(PSD);
3.0 to 3.6
(MCU)
3.0 to 3.6
(PSD and
MCU)
V
Operating Temperature
–
–40 to 85
–40 to 85
°C
MCU Frequency
8MHz (min) for I2C
3 Min, 40 Max
3 Min, 40 Max
MHz
Operating Current, Typical(1)
(20% of PLD used; 25°C
operation. Bus control signals
are blocked from the PLD in
Non-Turbo mode.)
40MHz Crystal, Turbo
79
63
mA
40MHz Crystal, Non-Turbo
71
58
mA
8MHz Crystal, Turbo
32
24
mA
8MHz Crystal, Non-Turbo
17.7
14
mA
WAVEFORMS
INPUTS
OUTPUTS
STEADY INPUT
MAY CHANGE FROM
HI TO LO
MAY CHANGE FROM
LO TO HI
DON'T CARE
OUTPUTS ONLY
STEADY OUTPUT
WILL BE CHANGING
FROM HI TO LO
WILL BE CHANGING
LO TO HI
CHANGING, STATE
UNKNOWN
CENTER LINE IS
TRI-STATE
AI03102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com