Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 269 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 269 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 265Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 266Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 267Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 268Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 269Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 270Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 271Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 272Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 293 page
background image
uPSD34xx
DC and AC parameters
269/293
Figure 99.
External READ cycle (80-pin device only)
Table 159.
External READ cycle AC characteristics (3V or 5V device)
Note:
1
BUSCON Register is configured for 4 PFQCLK.
2
Refer to Table 160 for “n” and “m” values.
Table 160.
n, m, and x, y values
Symbol
Parameter
40MHz Oscillator(1)
Variable Oscillator
1/tCLCL = 3 to 40MHz
Unit
Min
Max
Min
Max
tLHLL
ALE pulse width
17
tCLCL – 8
ns
tAVLL
Address setup to ALE
13
tCLCL – 12
ns
tLLAX
Address hold after ALE
7.5
0.5tCLCL –
5
ns
tLLRL
ALE to RD
7.5
0.5tCLCL –
5
ns
tRLRH
RD pulse width(2)
40
ntCLCL – 10
ns
tRXIX
Input data hold after RD
22
ns
tRHIZ
Input data float after RD
10.5
0.5tCLCL –
2
ns
tAVDX
Address to valid data in(2)
70
mtCLCL – 5
ns
tAZRL
Address float to RD
–2
–2
ns
tAVQV
Address valid to latched
address out on Ports A and B
35.5 (3V)
1.5tCLCL –
2
ns
28 (5V)
tCLCL – 9.5
ns
tAVLL
tRLRH
tRXDZ
MCU
AD0 - AD7
LATCHED
MCU
A8 - A15
AI10471
tLHLL
ALE
RD
tLLRL
A0-A7
tLLAX
tAZRL
tAVDV
A0-A7
tRXDX
tAVQV
A8-A15
DATA
IN
A8-A15
# of PFQCLK in
BUSCON Reg.
READ Cycle
WRITE Cycle
nm
x
y
42
3
2
1
53
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com