Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 278 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 278 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 274Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 275Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 276Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 277Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 278Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 279Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 280Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 281Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 293 page
background image
DC and AC parameters
uPSD34xx
278/293
Figure 106. Peripheral I/O READ timing
Table 174.
Port A peripheral data mode READ timing (5V PSD module)
Note:
1
Any input used to select Port A Data Peripheral Mode.
2
Data is already stable on Port A.
Table 175.
Port A peripheral data mode READ timing (3V PSD module)
Note:
1
Any input used to select Port A Data Peripheral Mode.
2
Data is already stable on Port A.
Symbol
Parameter
Conditions
Min
Max
Turbo
Off
Unit
tAVQV–PA
Address Valid to Data
Valid
(Note 1)
37
+ 10
ns
tSLQV–PA
CSI Valid to Data Valid
27
+ 10
ns
tRLQV–PA
RD to Data Valid
(Note 2)
32
ns
tDVQV–PA
Data In to Data Out Valid
22
ns
tRHQZ–PA RD to Data High-Z
23
ns
tRLQV (PA)
tDVQV (PA)
tRHQZ (PA)
tSLQV (PA)
tAVQV (PA)
ADDRESS
DATA VALID
ALE
A /D BUS
RD
DATA ON PORT A
CSI
AI06610
Symbol
Parameter
Conditions
Min
Max
Turbo
Off
Unit
tAVQV–PA
Address Valid to Data Valid
(Note 1)
50
+ 15
ns
tSLQV–PA
CSI Valid to Data Valid
37
+ 15
ns
tRLQV–PA
RD to Data Valid
(Note 2)
45
ns
tDVQV–PA
Data In to Data Out Valid
38
ns
tRHQZ–PA RD to Data High-Z
36
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com