Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 258 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 258 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 254Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 255Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 257Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 260Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 261Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 262Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 293 page
background image
PSD module
uPSD34xx
258/293
28.6.9
JTAG security setting
A programmable security bit in the PSD Module protects its contents from unauthorized
viewing and copying. The security bit is set by clicking on the “Additional PSD Settings” box
in the main flow diagram of PSDsoft Express, then choosing to set the security bit. Once a
file with this setting is programmed into a uPSD34xx using JTAG ISP, any further attempts to
communicate with the uPSD34xx using JTAG will be limited. Once secured, the only JTAG
operation allowed is a full-chip erase. No reading or modifying Flash memory or PLD logic is
allowed. Debugging operations to the MCU Module are also not allowed. The only way to
defeat the security bit is to perform a JTAG ISP full-chip erase operation, after which the
device is blank and may be used again. The 8032 on the MCU Module will always have
access to PSM Module memory contents through the 8-bit 8032 data bus connecting the
two die, even while the security bit is set.
28.6.10
Initial delivery state
When delivered from STMicroelectronics, uPSD34xx devices are erased, meaning all Flash
memory and PLD configuration bits are logic '1.' Firmware and PLD logic configuration must
be programmed at least the first time using JTAG ISP. Subsequent programming of Flash
memory may be performed using JTAG ISP, JTAG debugging, or the 8032 may run firmware
to program Flash memory (IAP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com