Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 262 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 262 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 260Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 261Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 262Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 263Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 264Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 265Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 293 page
background image
Maximum rating
uPSD34xx
262/293
30
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 150.
Absolute maximum ratings
Note:
1
IPC/JEDEC J-STD-020A
2
JEDEC Std JESD22-A114A (C1=100pF, R1=1500
Ω, R2=500 Ω)
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
125
°C
T
LEAD
Lead Temperature during Soldering (20 seconds
max.)(1)
235
°C
V
IO
Input and Output Voltage (Q = VOH or Hi-Z)
–0.5
6.5
V
VCC, VDD, AVCC Supply Voltage
–0.5
6.5
V
V
ESD
Electrostatic Discharge Voltage (Human Body Model)(2)
–2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com