Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 266 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 266 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 262Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 263Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 264Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 265Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 266Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 267Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 268Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 269Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 270Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 293 page
background image
DC and AC parameters
uPSD34xx
266/293
Note:
1
Power supply (VCC, AVCC) is always 3.0 to 3.6V for the MCU Module. VDD for the PSD
Module may be 3V or 5V.
2
Port 1 is not 5V tolerant; maximum VIH = VCC + 0.5.
3IPD (Power-down Mode) is measured with: XTAL1 = VSS; XTAL2 = NC; RESET = VCC; Port
0 = VCC; all other pins are disconnected.
4ICC-CPU (Active Mode) is measured with: XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS +
0.5V, VIH = VCC – 0.5V, XTAL2 = NC; RESET = VSS; Port 0 = VCC; all other pins are
disconnected. ICC would be slightly higher if a crystal oscillator is used (approximately 1mA).
5ICC-CPU (Idle Mode) is measured with: XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS +
0.5V, VIH = VCC – 0.5V, XTAL2 = NC; RESET = VCC; Port 0 = VCC; all other pins are
disconnected. ICC would be slightly higher if a crystal oscillator is used (approximately 1mA).
All IP clocks are disabled and the MCU clock is set to fOSC/2048.
6
I/O current = 0mA, all I/O pins are disconnected.
VOH1
Output High Voltage
(Ports 4 push-pull)
IOH = –10mA
2.4
V
V
VOH2
Output High Voltage
(Port 0 push-pull)
IOH = –5mA
2.4
V
V
VOH3
Output High Voltage
(Other Ports Bi-directional
mode)
IOH = –20µA
2.4
V
V
VOP
XTAL Open Bias Voltage
(XTAL1, XTAL2)
IOL = 3.2mA
1.0
2.0
V
IRST
RESET Pin Pull-up Current
(RESET)
VIN = VSS
–10
–55
uA
IFR
XTAL Feedback Resistor
Current (XTAL1)
XTAL1 = VCC; XTAL2 =
VSS
–20
50
uA
IIHL1
Input High Leakage
Current (Port 0)
VSS < VIN < 5.5V
–10
10
uA
IIHL2
Input High Leakage
Current (Port 1, 3, 4)
VIH = 2.3V
–10
10
uA
IILL
Input Low Leakage Current
(Port 1, 3, 4)
VIL < 0.5V
–10
10
uA
IPD
(3)
Power-down Mode
VCC = 3.6V
65
95
uA
ICC-CPU
(Notes
4,5,6)
Active - 12MHz
VCC = 3.6V
14
20
mA
Idle - 12MHz
10
12
mA
Active - 24MHz
VCC = 3.6V
19
30
mA
Idle - 24MHz
13
17
mA
Active - 40MHz
VCC = 3.6V
26
40
mA
Idle - 40MHz
17
22
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com