Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 263 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 263 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 260Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 261Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 262Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 263Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 264Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 265Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 266Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 293 page
background image
uPSD34xx
DC and AC parameters
263/293
31
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the Measurement Conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Table 151.
Operating conditions (5V devices)
Table 152.
Operating conditions (3.3V devices)
Table 153.
AC signal letters for timing
Note:
Example: tAVLX = Time from Address Valid to ALE Invalid.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
4.5
5.5
V
VCC, AVCC
Supply Voltage
3.0
3.6
V
TA
Ambient Operating Temperature
(industrial)
–40
85
°C
Ambient Operating Temperature
(commercial)
070
°C
Symbol
Parameter
Min.
Max.
Unit
VCC, VDD,
AVCC
Supply Voltage
3.0
3.6
V
TA
Ambient Operating Temperature
(industrial)
–40
85
°C
Ambient Operating Temperature
(commercial)
070
°C
AAddress
C
Clock
D
Input Data
I
Instruction
LALE
N
RESET Input or Output
P
PSEN signal
Q
Output Data
R
RD signal
W
WR signal
BVSTBY Output
M
Output Macrocell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com