Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 259 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 259 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 255Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 257Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 260Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 261Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 262Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 293 page
background image
uPSD34xx
AC/DC parameters
259/293
29
AC/DC parameters
These tables describe the AD and DC parameters of the uPSD34xx Devices:
●
DC Electrical Specification
●
AC Timing Specification
●
PLD Timing
–
Combinatorial Timing
–
Synchronous Clock Mode
–
Asynchronous Clock Mode
–
Input Macrocell Timing
●
MCU Module Timing
–
READ Timing
–
WRITE Timing
–
Power-down and RESET Timing
The following are issues concerning the parameters presented:
●
In the DC specification the supply current is given for different modes of operation.
●
The AC power component gives the PLD, Flash memory, and SRAM mA/MHz
specification. Figure 96 and Figure 97 show the PLD mA/MHz as a function of the
number of Product Terms (PT) used.
●
In the PLD timing parameters, add the required delay when Turbo Bit is '0.'
Figure 96.
PLD ICC / frequency consumption (5V range)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
(100%)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%
AI02894



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com