Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 282 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 282 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 278Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 279Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 280Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 281Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 282Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 283Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 284Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 293 page
background image
DC and AC parameters
uPSD34xx
282/293
Figure 110. PSD Module AC float I/O waveform
Note:
For timing purposes, a Port pin is considered to be no longer floating when a 100mV change
from load voltage occurs, and begins to float when a 100mV change from the loaded VOH or
VOL level occurs
Note:
IOL and IOH ≥ 20mA
Figure 111. External clock cycle
Figure 112. PSD module AC measurement I/O waveform
Figure 113. PSD module AC measurement load circuit
AI06651
Test Reference Points
VOL + 0.1V
VOH – 0.1V
VLOAD – 0.1V
VLOAD + 0.1V
0.2 VCC – 0.1V
3.0V
0V
Test Point
1.5V
AI03103b
Device
Under Test
2.01 V
195
Ω
C
L = 30 pF
(Including Scope and
Jig Capacitance)
AI03104b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com