Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 279 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 279 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 275Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 276Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 277Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 278Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 279Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 280Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 281Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 282Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 293 page
background image
uPSD34xx
DC and AC parameters
279/293
Figure 107. Peripheral I/O WRITE timing
Table 176.
Port A peripheral data mode WRITE timing (5V PSD module)
Note:
1
Data stable on Port 0 pins to data on Port A.
Table 177.
Port A peripheral data mode WRITE timing (3V PSD module)
Note:
1
Data stable on Port 0 pins to data on Port A.
Table 178.
Supervisor reset and LVD
Note:
1
25µs minimum to abort a Flash memory program or erase cycle in progress.
2
As fOSC decreases, tRST_ACTV increases. Example: tRST_ACTV = 50ms when fOSC = 8MHz.
Symbol
Parameter
Conditions
Min
Max
Unit
tWLQV–PA WR to Data Propagation Delay
25
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 1)
22
ns
tWHQZ–PA WR Invalid to Port A Tri-state
20
ns
tDVQV (PA)
tWLQV
(PA)
tWHQZ (PA)
ADDRESS
DATA OUT
A / D BUS
WR
PORT A
DATA OUT
ALE
AI06611
Symbol
Parameter
Conditions
Min
Max
Unit
tWLQV–PA WR to Data Propagation Delay
42
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 1)
38
ns
tWHQZ–PA WR Invalid to Port A Tri-state
33
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRST_LO_IN
Reset Input Duration
1(1)
µs
tRST_ACTV
Generated Reset Duration
fOSC = 40MHz
10(2)
ms
tRST_FIL
Reset Input Spike Filter
1
µs
VRST_HYS
Reset Input Hysteresis
VCC = 3.3V
0.1
V
VRST_THRE
SH
LVD Trip Threshold
VCC = 3.3V
2.4
2.6
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com