Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 277 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 277 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 273Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 274Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 275Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 276Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 277Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 278Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 279Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 280Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 281Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 293 page
background image
uPSD34xx
DC and AC parameters
277/293
Table 172.
Input macrocell timing (3V PSD module)
Note:
1
Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE latch timings
refer to tAVLX and tLXAX.
Table 173.
Program, WRITE and erase times (5V, 3V PSD modules)
Note:
1
Programmed to all zero before erase.
2
Typical after 100K Write/Erase cycles is 5 seconds.
3
The polling status, DQ7, is valid tQ7VQV time units before the data byte, DQ0-DQ7, is valid
for reading.
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Unit
tIS
Input Setup Time
(Note 1)
0
ns
tIH
Input Hold Time
(Note 1)
25
+ 15
ns
tINH
NIB Input High Time
(Note 1)
12
ns
tINL
NIB Input Low Time
(Note 1)
12
ns
tINO
NIB Input to Combinatorial
Delay
(Note 1)
43
+ 4
+ 15
ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
Flash Program
8.5
s
Flash Bulk Erase(1) (pre-programmed)
3(2)
10
s
Flash Bulk Erase (not pre-programmed)
5
s
tWHQV3
Sector Erase (pre-programmed)
1
10
s
tWHQV2
Sector Erase (not pre-programmed)
2.2
s
tWHQV1
Byte Program
14
150
µs
Program / Erase Cycles (per Sector)
100,000
cycles
PLD Program / Erase Cycles
1,000
cycles
tWHWLO
Sector Erase Time-Out
100
µs
tQ7VQV
DQ7 Valid to Output (DQ7-DQ0) Valid (Data
Polling)(3)
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com