Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 273 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 273 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 269Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 270Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 271Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 272Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 273Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 274Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 275Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 276Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 293 page
background image
uPSD34xx
DC and AC parameters
273/293
Note:
1
Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD1. Decrement times by
given amount
2tPD for MCU address and control signals refers to delay from pins on Port 0, Port 2, RD WR,
PSEN and ALE to CPLD combinatorial output (80-pin package only)
Table 166.
CPLD combinatorial timing (3V PSD module)
Note:
1
Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD1. Decrement times by
given amount
2tPD for MCU address and control signals refers to delay from pins on Port 0, Port 2, RD WR,
PSEN and ALE to CPLD combinatorial output (80-pin package only)
Figure 102. Synchronous Clock Mode Timing – PLD
tARPW
CPLD Register Clear or
Preset Pulse Width
10
+ 10
ns
tARD
CPLD Array Delay
Any
macrocell
11
+ 2
ns
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
rate(1)
Unit
Symbol
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
rate(1)
Unit
tPD
(2)
CPLD Input Pin/Feedback
to CPLD Combinatorial
Output
35
+ 4
+ 15
– 6
ns
tEA
CPLD Input to CPLD
Output Enable
38
+ 15
– 6
ns
tER
CPLD Input to CPLD
Output Disable
38
+ 15
– 6
ns
tARP
CPLD Register Clear or
Preset Delay
35
+ 15
– 6
ns
tARPW
CPLD Register Clear or
Preset Pulse Width
18
+ 15
ns
tARD
CPLD Array Delay
Any
macrocell
20
+ 4
ns
tCH
tCL
tCO
tH
tS
CLKIN
INPUT
REGISTERED
OUTPUT
AI02860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com