Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 275 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 275 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 271Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 272Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 273Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 274Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 275Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 276Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 277Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 278Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 279Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 293 page
background image
uPSD34xx
DC and AC parameters
275/293
Figure 103. Asynchronous RESET / Preset
Figure 104. Asynchronous Clock Mode Timing (Product Term Clock)
Table 169.
CPLD macrocell asynchronous clock mode timing (5V PSD module)
Symbo
l
Parameter
Conditions
Min
Max
PT
Aloc
Turbo
Off
Slew
Rate
Unit
fMAXA
Maximum Frequency
External Feedback
1/(tSA+tCOA)38.4
MHz
Maximum Frequency
Internal Feedback (fCNTA)
1/(tSA+tCOA–
10)
62.5
MHz
Maximum Frequency
Pipelined Data
1/(tCHA+tCLA)71.4
MHz
tSA
Input Setup Time
7
+ 2
+ 10
ns
tHA
Input Hold Time
8
ns
tCHA
Clock Input High Time
9
+ 10
ns
tCLA
Clock Input Low Time
9
+ 10
ns
tCOA
Clock to Output Delay
21
+ 10
– 2
ns
tARDA
CPLD Array Delay
Any macrocell
11
+ 2
ns
tMINA
Minimum Clock Period
1/fCNTA
16
ns
tARP
REGISTER
OUTPUT
tARPW
RESET/PRESET
INPUT
AI02864
tCHA
tCLA
tCOA
tHA
tSA
CLOCK
INPUT
REGISTERED
OUTPUT
AI02859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com