Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 286 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 286 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 282Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 283Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 284Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 287Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 288Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 289Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 290Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 293 page
background image
Part numbering
uPSD34xx
286/293
33
Part numbering
Table 185.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Example:
UPSD 34
34
E
V
–
40
U
6T
Device Type
uPSD = Microcontroller PSD
Family
34 = Turbo Plus core
SRAM Size
2 = 4Kbytes
3 = 8Kbytes
5 = 32Kbytes
Main Flash Memory Size
2 = 64Kbytes
3 = 128Kbytes
4 = 256Kbytes
IP Mix
E = IP Mix: USB, I2C, SPI, UART (2), IrDA, ADC,
Supervisor, PCA
Operating Voltage
blank: VCC = 3.0 to 3.6V, VDD = 4.5 to 5.5V
V: VCC = VDD = 3.0 to 3.6V
Revision
“-” = Revision A
B = Revision B
Speed
–40 = 40MHz
Package
T = 52-pin TQFP
U = 80-pin TQFP
Temperature Range
6 = –40 to 85°C
Shipping Option
Tape & Reel Packing = T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com