Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 290 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 290 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 287Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 288Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 289Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 290Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 291Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 292Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 293Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 290 / 293 page
background image
Important notes
uPSD34xx
290/293
an ACK. The host will resend the SETUP packet a number of times and if an ACK is not
received from the uPSD3400, the host will issue a USB reset and then enumerate it again.
Upon detecting a USB reset, the uPSD3400 firmware will reset and initialize the USB SIE
putting the hardware back into the reset/initialized state so that when the next SETUP
packet is received, the uPSD3400 will respond with an ACK to the host.
Impact On Application
If this occurs during enumeration, the impact is minimal as the host will retry the
enumeration. If it happens after enumeration, the communication will break down between
the host application and the uPSD3400 and will need to be re-established after the
uPSD3400 is reset and enumerated again. In extremely noisy environments, the
uPSD3400 may not communicate well over USB with the host application.
Workaround
Revision A and B - None identified at this time.
34.10
MCU JTAG ID
Description
MCU JTAG ID changed to differentiate revision A from revision B silicon through the JTAG
port. The PSD JTAG ID remains the same.
Revision A MCU JTAG ID - 0x0451F041
Revision B MCU JTAG ID - 0x1451F041
Impact On Application
There will be no impact on the application. The impact will be to JTAG production
programming equipment that may need to distinguish between revision A and B MCU silicon
if the firmware is different depending on the revision level.
34.11
PORT 1 Not 5-volt IO Tolerant
Description
The port P1 is shared with the ADC module and as a result Port P1 is not 5V tolerant.
Impact On Application
5V devices should not be connected to port P1.
Workaround
Revision A and B - Peripherals or GPIO that require 5-Volt IO tolerance should be mapped
to Port 3 or Port 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com