Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 292 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 292 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 287Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 288Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 289Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 290Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 291Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 292Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 293Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 292 / 293 page
background image
Revision history
uPSD34xx
292/293
35
Revision history
Table 186.
Document revision history
Date
Version
Revision Details
04-Feb-2005
1
First Edition
30-Mar-2005
2
Added one note in Section 1: Summary description on page 9
Added two notes in Section 25: USB interface on page 143
Changed values in Table 175 on page 278 (Turbo Off column)
Added Section 34: Important notes on page 287
25-Oct-2005
3
Changed Table on page 2 to add sales types with 32K SRAM
Changed Figure 2 on page 10
Changed Figure 6 on page 19
Corrected Port Pin P1.5 from ADC6 to ADC5 in Table 2 on page 13
Removed duplicate entry for 80-pin no. 11 in Table 2 on page 13
Changed Figure 62 on page 185
Updated Table 101 on page 187
Updated Table 185 on page 286
11-Jul-2006
4
Pin descriptions, Figure 3 on page 11 and Figure 4 updated with VREF
changed to AVREF
VREF changed to AVREF throughout document
Figure 14 updated, correcting CCON[2:0]
Clarification of VCC, VDD, AVCC supply voltages in section Section 30:
Maximum rating on page 262
Section 34: Important notes updated with differences between silicon
revisions A and B, and new Important Notes added.
SPI Master Controller corrected to 10MHz in features on first page
Latched address out modified, adding A8-A15 to PB0-PB7, Section Table
2.: Pin definitions
UCON register reset value changed from 00h to 08h throughout
Reference to USBCE bit corrected to UPLLCESection 14 on page 59
Incorrect references to UART#2 changed to UART#1Section 22.1 on page
112
UADDR register description enhanced, Table 70 on page 155
USB interrupts section text expanded, Section 25.4.3 on page 155
UIFO register table modified, Table 76 on page 159
UCTL register table enhanced, Table 80 on page 163
Note added below Table 81 on page 164
Many modifications made to UCON register description, Table 83 on
page 166
An incorrect reference to CAPCOMHn changed to CAPCOMLn
Section 27.7 on page 178
Part numbering guide updated with B revision information Section 33 on
page 286
Figure 41 on page 115 updated
Document reformatted
Note added related to non-support of external indirect addressing,
inSection 9.6 and in Table 8 on page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com