Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX1084D Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX1084D
Description  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1084D Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX1084D Datasheet HTML 1Page - AXElite technology co. ltd AX1084D Datasheet HTML 2Page - AXElite technology co. ltd AX1084D Datasheet HTML 3Page - AXElite technology co. ltd AX1084D Datasheet HTML 4Page - AXElite technology co. ltd AX1084D Datasheet HTML 5Page - AXElite technology co. ltd AX1084D Datasheet HTML 6Page - AXElite technology co. ltd AX1084D Datasheet HTML 7Page - AXElite technology co. ltd AX1084D Datasheet HTML 8Page - AXElite technology co. ltd AX1084D Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2019
AX1084
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
VIN
-0.3 to 12
V
Power Dissipation
PD
Internally Limited
Storage Temperature
TST
-65 to +150
°C
Operating Junction Temperature Range
TOPJ
-40 to +125
°C
ELECTRICAL CHARACTERISTICS
(VIN = VEN=3.6V, TA =25°C, unless otherwise specified)
Characteristics
Symbol
Conditions (Notes)
Min.
Typ.
Max. Units
Reference Voltage
VREF
IOUT=10mA, TJ=25oC,
(VIN- VOUT) =1.5V
1.225 1.250 1.275
V
Output Voltage
(Fixed Version)
VOUT
IOUT = 10mA, TJ = 25oC,
3V≦VIN≦12V
1.470 1.500 1.530
V
IOUT = 10mA, TJ = 25oC,
3.3V≦VIN≦12V
1.764 1.800 1.836
V
IOUT = 10mA, TJ = 25oC,
4V≦VIN≦12V
2.450 2.500 2.550
V
IOUT = 10mA, TJ = 25oC,
4.8V≦VIN≦12V
3.235 3.300 3.365
V
IOUT = 10mA, TJ = 25oC,
6.5V≦VIN≦12V
4.900 5.000 5.100
V
Line Regulation
IOUT=10mA,
VOUT+1.5V<VIN<12V,
TJ =25oC
-
0.2
0.5
%
Load Regulation
VIN=3V, 10mA IOUT<5A,
TJ =25oC (Note 1,2),
ADJ Version
-
-
1
%
VIN=3V, 10mA<IOUT <5A,
TJ =25oC (Note 1,2),
VOUT=1.5V Fixed Version
-
12
15
mV
VIN=3.3V, 10mA<IOUT<5A,
TJ =25oC (Note 1,2),
VOUT=1.8V Fixed Version
-
15
18
mV
VIN=4V, 10mA<IOUT<5A,
TJ =25oC (Note 1,2),
VOUT=2.5V Fixed Version
-
20
25
mV
VIN =5V, 10mA<IOUT<5A ,
TJ=25oC (Note 1,2) ,
VOUT=3.3V Fixed Version
-
26
33
mV
VIN =6.5V,10mA<IOUT<5A,
TJ=25oC (Note 1,2) ,
VOUT=5V Fixed Version
-
40
50
mV
Dropout Voltage
Vo
IOUT=5.0A (VOUT=1% VOUT)
-
1.3
1.5
V
Current Limit
VIN-VOUT=3V
5.1
-
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com