Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX1084D Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX1084D
Description  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1084D Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX1084D Datasheet HTML 3Page - AXElite technology co. ltd AX1084D Datasheet HTML 4Page - AXElite technology co. ltd AX1084D Datasheet HTML 5Page - AXElite technology co. ltd AX1084D Datasheet HTML 6Page - AXElite technology co. ltd AX1084D Datasheet HTML 7Page - AXElite technology co. ltd AX1084D Datasheet HTML 8Page - AXElite technology co. ltd AX1084D Datasheet HTML 9Page - AXElite technology co. ltd AX1084D Datasheet HTML 10Page - AXElite technology co. ltd AX1084D Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2019
AX1084
PACKAGE OUTLINES
(1) TO263-2L
E
e
b
b2
L1
1.3
10.9
Land Pattern Recommendation (Unit: mm)
2.54
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.06
4.45
4.83
0.16
0.175
0.19
b
0.51
0.76
0.99
0.02
0.03
0.039
b2
1.14
1.47
1.78
0.045
0.058
0.07
C
0.38
0.56
0.74
0.015
0.022
0.029
C2
1.14
1.4
1.65
0.045
0.055
0.065
D
8.38
9.02
9.65
0.33
0.355
0.38
D1
5.08
-
-
0.2
-
-
E
9,65
10.2
10.7
0.38
0.4
0.42
e
2.54 BSC
0.1 BSC
L
14.6
15.2
15.9
0.575
0.6
0.625
L1
1.78
2.29
2.79
0.07
0.09
0.11
L2
-
-
1.68
-
-
0.066
L3
-
-
1.78
-
-
0.07
Mold flash shall not exceed 0.005inch per side
JEDEC outline: TO-263 AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com