Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6905HR Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6905HR
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6905HR Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6905HR Datasheet HTML 1Page - AXElite technology co. ltd AX6905HR Datasheet HTML 2Page - AXElite technology co. ltd AX6905HR Datasheet HTML 3Page - AXElite technology co. ltd AX6905HR Datasheet HTML 4Page - AXElite technology co. ltd AX6905HR Datasheet HTML 5Page - AXElite technology co. ltd AX6905HR Datasheet HTML 6Page - AXElite technology co. ltd AX6905HR Datasheet HTML 7Page - AXElite technology co. ltd AX6905HR Datasheet HTML 8Page - AXElite technology co. ltd AX6905HR Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.14, 2019
AX6905/6
Appendix
Part Number
Package
Identification Code
AX6905A
SOT23-3L
SA
AX6905B
SOT23-3L
SB
AX6905C
SOT23-3L
SC
AX6905D
SOT23-3L
SD
AX6905E
SOT23-3L
SE
AX6905F
SOT23-3L
SF
AX6905G
SOT23-3L
SG
AX6905H
SOT23-3L
Sa
AX6905I
SOT23-3L
Sb
AX6906A
SOT23-3L
SH
AX6906B
SOT23-3L
SI
AX6906C
SOT23-3L
SJ
AX6906D
SOT23-3L
SK
AX6906E
SOT23-3L
SL
AX6906F
SOT23-3L
SO
AX6906G
SOT23-3L
SP
AX6906H
SOT23-3L
Se
AX6906I
SOT23-3L
Sf
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 6.5
V
RESET, RESET (push-pull)
Pin Voltage
VRESET
GND - 0.3 to VCC + 0.3
V
Input Current, VCC
ICC
20
mA
Output Current, RESET,
RESET
IO
5
mA
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-60 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
-40 to +150
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note : θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com