Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6905HR Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX6905HR
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6905HR Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX6905HR Datasheet HTML 1Page - AXElite technology co. ltd AX6905HR Datasheet HTML 2Page - AXElite technology co. ltd AX6905HR Datasheet HTML 3Page - AXElite technology co. ltd AX6905HR Datasheet HTML 4Page - AXElite technology co. ltd AX6905HR Datasheet HTML 5Page - AXElite technology co. ltd AX6905HR Datasheet HTML 6Page - AXElite technology co. ltd AX6905HR Datasheet HTML 7Page - AXElite technology co. ltd AX6905HR Datasheet HTML 8Page - AXElite technology co. ltd AX6905HR Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Nov.14, 2019
AX6905/6
ELECTRICAL CHARACTERISTICS
TA=25°C (unless otherwise noted)
Characteristics
Symbol
Conditions
Min Typ Max Units
Operating VCC Range
VRange
1.0
-
6
V
Supply Current
ICC
VCC = VTH+1.0V
-
25
35
μA
Reset Threshold
TA=25ºC
VTH
AX6905/6A
4.54 4.63 4.71
V
AX6905/6B
4.29 4.38 4.46
AX6905/6I
4.16 4.25 4.33
AX6905/6C
3.92 4.00 4.08
AX6905/6D
3.02 3.08 3.15
AX6905/6E
2.87 2.93 3.00
Ax6905/6H
2.64 2.70 2.75
AX6905/6F
2.57 2.63 2.69
AX6905/6G
2.20 2.25 2.30
Reset Threshold Tempco
VTHT TA = 0oC to +85°C
-
50
-
ppm/
oC
Set-up Time
TS
VCC = 0 to (VTH – 100mV)
1
-
-
μs
VCC to Reset Delay
TRD
VCC=VTH to (VTH-100mV)
-
20
-
μs
Reset Active Timeout
Period
TDELAY TA = 0oC to +85°C
140
200 260
ms
T
RESE
Output Voltage (AX6905)
VOL
1.8V<VCC < VTH(min), ISINK = 1.2mA
-
-
0.3
V
1.2V < VCC < 1.8V, ISINK = 50uA
VOH
VCC > VTH (max), ISOURCE = 500uA, 0.8VCC
-
-
V
RESET
Output Voltage (AX6906)
VOL
VCC > VTH (max), ISINK = 1.2mA,
-
-
0.3
V
VOH
1.8V < VCC < VTH (min),
ISOURCE = 500uA
0.8 VCC -
-
V
1.2V < VCC < 1.8V,
ISOURCE = 150uA
Hysteresis at VCC
VHys Input voltage
-
40
-
mV
APPLICATION CIRCUIT
AX6905/6
GND
RESET
(RESET)
VCC
Microprocessor
VCC
GND
RESET
INPUT
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com