Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

18D511K Datasheet(PDF) 6 Page - TYEE Products Inc

Part # 18D511K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D511K Datasheet(HTML) 6 Page - TYEE Products Inc

Back Button 18D511K Datasheet HTML 2Page - TYEE Products Inc 18D511K Datasheet HTML 3Page - TYEE Products Inc 18D511K Datasheet HTML 4Page - TYEE Products Inc 18D511K Datasheet HTML 5Page - TYEE Products Inc 18D511K Datasheet HTML 6Page - TYEE Products Inc 18D511K Datasheet HTML 7Page - TYEE Products Inc 18D511K Datasheet HTML 8Page - TYEE Products Inc 18D511K Datasheet HTML 9Page - TYEE Products Inc 18D511K Datasheet HTML 10Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
18D Series
Part No.
Maximum
Maximum
Rated
Typical
Energy
Peak Current
Power
Capacitance
Device
(J)
(8/20µs)
(@1KHz)
Standards
Marking
ACrms(V) DC(V)
Min. Vb(Vdc) Max.
Vc(V)
Ip(A)
10/1000µs
(A)
(W)
(pF)
18D180K
11
14
14.4
18
21.6
39
15
8.3
2000
0.15
36400
☆
18D220K
14
18
18.7
22
26.0
43
15
10.4
2000
0.15
27300
☆
18D270K
17
22
23.0
27
31.1
53
15
12.5
2000
0.15
22290
☆
18D330K
20
26
29.5
33
36.5
65
15
15.6
2000
0.15
18200
☆
18D390K
25
31
35
39
43
77
15
17.9
2000
0.15
12250
☆
18D470K
30
38
42
47
52
93
15
20.8
2000
0.15
12280
☆
18D560K
35
45
50
56
62
110
15
22.8
2000
0.15
11100
☆
18D680K
40
56
61
68
75
135
15
29.1
2000
0.15
10460
☆
18D820K
50
65
74
82
90
135
75
30.6
5500
0.8
7460
☆
◎
18D101K
60
85
90
100
110
165
75
38.9
5500
0.8
7280
☆
◎
18D121K
75
100
108
120
132
200
75
44.4
6500
0.8
5000
☆
◎
18D151K
95
125
135
150
165
250
75
55.6
6500
0.8
3820
☆
◎
18D181K
115
150
162
180
198
300
75
69.4
6500
0.8
2270
☆
◎
18D201K
130
170
185
200
225
330
75
79.2
6500
0.8
2100
☆ △ ※ ◎
18D221K
140
180
198
220
242
360
75
83.3
6500
0.8
2000
☆ △ ※ ◎
18D241K
150
200
216
240
264
395
75
87.5
6500
0.8
2000
☆ △ ※ ◎
18D271K
175
225
247
270
303
455
75
97.2
6500
0.8
1910
☆ △ ※ ◎
18D301K
195
250
270
300
330
500
75
101.4
6500
0.8
1630
☆ △ ※ ◎
18D331K
210
275
297
330
363
550
75
129.2
6500
0.8
1590
☆ △ ※ ◎
18D361K
230
300
324
360
396
595
75
129.2
6500
0.8
1540
☆ △ ※ ◎
18D391K
250
320
351
390
429
650
75
138.9
6500
0.8
1270
☆ △ ※ ◎
18D431K
275
350
387
430
473
710
75
159.7
6500
0.8
1220
☆ △ ※ ◎
18D471K
300
385
423
470
517
775
75
173.6
6500
0.8
1090
☆ △ ※ ◎
18D511K
320
410
459
510
561
845
75
175.0
6500
0.8
950
☆ △ ※ ◎
18D561K
350
460
504
560
616
915
75
177.8
6500
0.8
770
☆ △ ※ ◎
18D621K
385
505
558
620
682
1025
75
180.6
6500
0.8
510
☆ △ ※ ◎
18D681K
420
560
612
680
748
1120
75
182.0
6500
0.8
500
☆ △ ※ ◎
18D751K
460
615
675
750
825
1240
75
200.2
6500
0.8
480
☆ △ ※ ◎
18D781K
485
640
702
780
858
1290
75
207.2
6500
0.8
450
☆ △ ※ ◎
18D821K
510
675
738
820
902
1355
75
219.8
6500
0.8
450
☆ △ ※ ◎
18D911K
550
745
819
910
1001
1500
75
245.0
6500
0.8
430
☆ △ ※ ◎
18D102K
625
825
900
1000
1100
1650
75
266.0
6500
0.8
410
☆ △ ※ ◎
18D112K
680
895
990
1100
1210
1815
75
298.2
6500
0.8
360
☆
※ ◎
18D182K
1000
1465
1620
1800
1980
2970
75
478.0
6500
0.8
260
Standard No.
File No.
Symbols
△☆
※
◎
E165143
E150709
LR109736-1
21557-4790-001
Varistors for use in
Components
Surge Suppressors
for Electronic Products
Electronic equipment
Title
Across-The-Line
Transient Voltage
Accessories and Parts
Related Standards
UL 1414
UL 1449(2nd Edition)
CSA
VDE
Voltage
(@1mA)
(8/20µs)
Maximum
Varistor
Clamping Voltage
Allowable
Voltage
@ Test Current
TYEE Products Inc.
http://www.tyeeusa.com/
Page:6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com