Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

18D511K Datasheet(PDF) 7 Page - TYEE Products Inc

Part # 18D511K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D511K Datasheet(HTML) 7 Page - TYEE Products Inc

Back Button 18D511K Datasheet HTML 3Page - TYEE Products Inc 18D511K Datasheet HTML 4Page - TYEE Products Inc 18D511K Datasheet HTML 5Page - TYEE Products Inc 18D511K Datasheet HTML 6Page - TYEE Products Inc 18D511K Datasheet HTML 7Page - TYEE Products Inc 18D511K Datasheet HTML 8Page - TYEE Products Inc 18D511K Datasheet HTML 9Page - TYEE Products Inc 18D511K Datasheet HTML 10Page - TYEE Products Inc 18D511K Datasheet HTML 11Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
20D Series
Part No.
Maximum
Maximum
Rated
Typical
Energy
Peak Current
Power
Capacitance
Device
(J)
(8/20µs)
(@1KHz)
Standards
Marking
ACrms(V) DC(V)
Min. Vb(Vdc) Max.
Vc(V)
Ip(A)
10/1000µs
(A)
(W)
(pF)
20D180K
11
14
14.4
18
21.6
39
20
11.0
2000
0.2
40000
☆
20D220K
14
18
18.7
22
26.0
43
20
14.0
2000
0.2
30000
☆
20D270K
17
22
23.0
27
31.1
53
20
18.0
2000
0.2
24500
☆
20D330K
20
26
29.5
33
36.5
65
20
23.0
2000
0.2
20000
☆
20D390K
25
31
35
39
43
77
20
26.0
2000
0.2
13800
☆
20D470K
30
38
42
47
52
93
20
33.0
2000
0.2
13500
☆
20D560K
35
45
50
56
62
110
20
41.0
2000
0.2
12200
☆
20D680K
40
56
61
68
75
135
20
46.0
2000
0.2
11500
☆
20D820K
50
65
74
82
90
135
100
38.0
6500
1.0
8200
☆
◎
20D101K
60
85
90
100
110
165
100
45.0
6500
1.0
8000
☆
◎
20D121K
75
100
108
120
132
200
100
55.0
6500
1.0
5500
☆
◎
20D151K
95
125
135
150
165
250
100
70.0
6500
1.0
4200
☆
◎
20D181K
115
150
162
180
198
300
100
85.0
6500
1.0
2500
☆
◎
20D201K
130
170
185
200
225
340
100
95.0
6500
1.0
2300
☆ △ ※ ◎
20D221K
140
180
198
220
242
360
100
100.0
6500
1.0
2200
☆ △ ※ ◎
20D241K
150
200
216
240
264
395
100
108.0
6500
1.0
2200
☆ △ ※ ◎
20D271K
175
225
247
270
303
455
100
127.0
6500
1.0
2100
☆ △ ※ ◎
20D301K
195
250
270
300
330
500
100
150.0
6500
1.0
1800
☆ △ ※ ◎
20D331K
210
275
297
330
363
550
100
163.0
6500
1.0
1750
☆ △ ※ ◎
20D361K
230
300
324
360
396
595
100
163.0
6500
1.0
1700
☆ △ ※ ◎
20D391K
250
320
351
390
429
650
100
180.0
6500
1.0
1400
☆ △ ※ ◎
20D431K
275
350
387
430
473
710
100
190.0
6500
1.0
1350
☆ △ ※ ◎
20D471K
300
385
423
470
517
775
100
220.0
6500
1.0
1200
☆ △ ※ ◎
20D511K
320
410
459
510
561
845
100
220.0
6500
1.0
1050
☆ △ ※ ◎
20D561K
350
460
504
560
616
915
100
220.0
6500
1.0
850
☆ △ ※ ◎
20D621K
385
505
558
620
682
1025
100
220.0
6500
1.0
570
☆ △ ※ ◎
20D681K
420
560
612
680
748
1120
100
230.0
6500
1.0
550
☆ △ ※ ◎
20D751K
460
615
675
750
825
1240
100
255.0
6500
1.0
530
☆ △ ※ ◎
20D781K
485
640
702
780
858
1290
100
265.0
6500
1.0
500
☆ △ ※ ◎
20D821K
510
675
738
820
902
1355
100
282.0
6500
1.0
500
☆ △ ※ ◎
20D911K
550
745
819
910
1001
1500
100
310.0
6500
1.0
480
☆ △ ※ ◎
20D102K
625
825
900
1000
1100
1650
100
342.0
6500
1.0
460
☆ △ ※ ◎
20D112K
680
895
990
1100
1210
1815
100
383.0
6500
1.0
400
☆
※ ◎
20D182K
1000
1465
1620
1800
1980
2970
100
625.0
6500
1.0
250
Standard No.
File No.
Symbols
△☆
※
◎
E165143
E150709
LR109736-1
21557-4790-001
Varistors for use in
Components
Surge Suppressors
for Electronic Products
Electronic equipment
Title
Across-The-Line
Transient Voltage
Accessories and Parts
Related Standards
UL 1414
UL 1449(2nd Edition)
CSA
VDE
Voltage
(@1mA)
(8/20µs)
Maximum
Varistor
Clamping Voltage
Allowable
Voltage
@ Test Current
TYEE Products Inc.
http://www.tyeeusa.com/
Page:7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com