Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS64FG Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 39Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 40Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 41Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 42Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 43Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 44Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 45Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 46Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 252 page
background image
Page 31
TMP86FS64FG
• Entering IDLE0 or SLEEP0 mode
Disable on-chip peripherals such as a timer counter. To enter the IDLE0 or SLEEP0 mode,
set SYSCR2<TGHALT> to 1.
• Exiting IDLE0 or SLEEP0 Mode
Upon return from the IDEL0 or SLEEP0 mode, the interrupt master enable flag (IMF) deter-
mines the action taken after exiting the IDEL0 or SLEEP0 mode; i.e., whether execution
resumes with an interrupt service routine. When exiting the IDEL0 or SLEEP0 mode,
SYSCR2<TGHALT> is automatically cleared to 0, and the operating mode is returned to the
mode before entering the IDEL0 or SLEEP0 mode. When TBTCR<TBTEN> is set to 1 at this
time. the INTTBT interrupt latch is set.
The IDLE0 or SLEEP0 mode is exited by setting the RESET pin to low. In this case,
the NORMAL1 mode is activated after exiting the IDLE1/2 or SLEEP1/2.
Note: The IDLE0 or SLEEP0 mode is entered and exited regardless of TBTCR<TBTEN> setting.
(1) Program execution resuming with the instruction (IMF, EF8, TBTCR<TBTEN> = 0)
When detecting the falling edge of the source clock set in TBTCR<TBTCK>, the IDLE0 or
SLEEP0 mode is exited. When the IDLE0 or SLEEP0 mode is exited, program execution resumes
with the instruction immediately following the instruction that activated the IDLE0 or SLEEP0
mode. When TBTCR<TBTEN> is set to 1, the time base timer interrupt latch is set.
(2) Program execution resuming with the interrupt service routine (IMF, EF8,
TBTCR<TBTEN> = 1)
When detecting the falling edge of the source clock set in TBTCR<TBTCK>, the IDLE0 or
SLEEP0 mode is exited, and then INTTBT interrupt processing is performed.
Note 1: The IDLE0 or SLEEP0 mode is returned to the NORMAL1 or SLEEP1 mode by the asynchro-
nous internal clock specified in TBTCR<TBTCK>, the period time of IDLE0 or SLEEP0 mode is
shorter than the period set in TBTCR<TBTCK>.
Note 2: When a watchdog timer interrupt is generated immediately before entering the IDLE1/2 or
SLEEP1/2 mode, the watchdog timer interrupt is processed, without entering the IDLE1/2 or
SLEEP1/2 mode.
Note 3: When IL8ER in interrupt source selector (INTSEL) is set to "1", the program execution resumes
with the instruction immediately following the instruction that activated the IDLE0 or SLEEP0
mode even though all of IMF, EF8 and TBTCR<TBTEN> are set to "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com