Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS64FG Datasheet(PDF) 60 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 60 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 56Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 57Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 58Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 59Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 60Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 61Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 62Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 63Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 64Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 252 page
background image
Page 48
3. Interrupt Control Circuit
3.8 External Interrupts
TMP86FS64FG
Note 1: In NORMAL1/2 or IDLE1/2 mode, if a signal with no noise is input on an external interrupt pin, it takes a maximum of "sig-
nal establishment time + 6/fs[s]" from the input signal's edge to set the interrupt latch.
Note 2: When INT0EN = "0", IL4 is not set even if a falling edge is detected on the INT0 pin input.
Note 3: When a pin with more than one function is used as an output and a change occurs in data or input/output status, an inter-
rupt request signal is generated in a pseudo manner. In this case, it is necessary to perform appropriate processing such
as disabling the interrupt enable flag.
Source
Pin
Enable Conditions
Release Edge (level)
Digital Noise Reject
INT0
INT0
IMF EF4 INT0EN=1
Falling edge
Pulses of less than 2/fc [s] are eliminated as
noise. Pulses of 7/fc [s] or more are considered
to be signals. In the SLOW or the SLEEP mode,
pulses of less than 1/fs [s] are eliminated as
noise. Pulses of 3.5/fs [s] or more are consid-
ered to be signals.
INT1
INT1
IMF EF5 = 1
Falling edge
or
Rising edge
Pulses of less than 15/fc or 63/fc [s] are elimi-
nated as noise. Pulses of 49/fc or 193/fc [s] or
more are considered to be signals.(at
CGCR<DV1CK>=0). In the SLOW or the
SLEEP mode, pulses of less than 1/fs [s] are
eliminated as noise. Pulses of 3.5/fs [s] or more
are considered to be signals.
INT2
INT2
IMF EF8 = 1
and
IL8ER=1
Falling edge
or
Rising edge
Pulses of less than 7/fc [s] are eliminated as
noise. Pulses of 25/fc [s] or more are considered
to be signals.(at CGCR<DV1CK>=0). In the
SLOW or the SLEEP mode, pulses of less than
1/fs [s] are eliminated as noise. Pulses of 3.5/fs
[s] or more are considered to be signals.
INT3
INT3
IMF EF9 = 1
and
IL9ER=1
Falling edge
or
Rising edge
Pulses of less than 7/fc [s] are eliminated as
noise. Pulses of 25/fc [s] or more are considered
to be signals.(at CGCR<DV1CK>=0). In the
SLOW or the SLEEP mode, pulses of less than
1/fs [s] are eliminated as noise. Pulses of 3.5/fs
[s] or more are considered to be signals.
INT4
INT4
IMF EF13 = 1
and
IL13ER=1
Falling edge,
Rising edge,
Falling and Rising edge
or
H level
Pulses of less than 7/fc [s] are eliminated as
noise. Pulses of 25/fc [s] or more are considered
to be signals.(at CGCR<DV1CK>=0). In the
SLOW or the SLEEP mode, pulses of less than
1/fs [s] are eliminated as noise. Pulses of 3.5/fs
[s] or more are considered to be signals.
INT5
INT5
IMF EF14 = 1
and
IL14ER=1
Falling edge
Pulses of less than 2/fc [s] are eliminated as
noise. Pulses of 7/fc [s] or more are considered
to be signals. In the SLOW or the SLEEP mode,
pulses of less than 1/fs [s] are eliminated as
noise. Pulses of 3.5/fs [s] or more are consid-
ered to be signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com