Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25AFG Datasheet(PDF) 114 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 114 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 110Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 111Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 112Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 113Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 114Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 115Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 116Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 117Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 118Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 194 page
background image
Page 104
10. 8-Bit TimerCounter (TC5, TC6)
10.1 Configuration
TMP86CS25AFG
10.2 TimerCounter Control
The TimerCounter 5 is controlled by the TimerCounter 5 control register (TC5CR) and two 8-bit timer registers
(TTREG5, PWREG5).
Note 1: Do not change the timer register (TTREG5) setting while the timer is running.
Note 2: Do not change the timer register (PWREG5) setting in the operating mode except the 8-bit and 16-bit PWM modes while
the timer is running.
Note 1: fc: High-frequency clock [Hz] fs: Low-frequency clock[Hz]
Note 2: Do not change the TC5M, TC5CK and TFF5 settings while the timer is running.
Note 3: To stop the timer operation (TC5S= 1
→ 0), do not change the TC5M and TC5CK settings. To start the timer operation
(TC5S= 0
→ 1), TC5M and TC5CK can be programmed.
Note 4: To use the TimerCounter in the 16-bit mode, set the operating mode by programming TC6CR<TC6M>, where TC5M must
be fixed to 011.
Note 5: To use the TimerCounter in the 16-bit mode, select the source clock by programming TC5CK. Set the timer start control
and timer F/F control by programming TC6CR<TC6S> and TC6CR<TFF6>, respectively.
Note 6: The operating clock settings are limited depending on the timer operating mode. For the detailed descriptions, see Table
10-1 and Table 10-2.
Note 7: The timer register settings are limited depending on the timer operating mode. For the detailed descriptions, see Table 10-
3.
Note 8: The operating clock fc in the SLOW or SLEEP mode can be used only as the high-frequency warm-up mode.
TimerCounter 5 Timer Register
TTREG5
(001EH)
R/W
7
6543
210
(Initial value: 1111 1111)
PWREG5
(002EH)
R/W
7
6543
210
(Initial value: 1111 1111)
TimerCounter 5 Control Register
TC5CR
(001AH)
7
6543
210
TC5CK
TC5S
TC5M
(Initial value:
∗000 0000)
TC5CK
Operating clock selection [Hz]
NORMAL1/2, IDLE1/2 mode
SLOW1/2
SLEEP1/2
mode
R/W
DV7CK = 0
DV7CK = 1
000
fc/211
fs/23
fs/23
001
fc/27
fc/27
–
010
fc/25
fc/25
–
011
fc/23
fc/23
–
100
fs
fs
fs
101
fc/2
fc/2
–
110
fc
fc
fc (Note 8)
111
Reserved
TC5S
TC5 start control
0:
1:
Operation stop and counter clear
Operation start
R/W
TC5M
TC5M operating mode select
000:
001:
010:
011:
1**:
8-bit timer
Reserved
Reserved
16-bit mode
(Each mode is selectable with TC6M.)
Reserved
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com