Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25AFG Datasheet(PDF) 118 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 118 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 114Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 115Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 116Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 117Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 118Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 119Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 120Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 121Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 122Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 194 page
background image
Page 108
10. 8-Bit TimerCounter (TC5, TC6)
10.1 Configuration
TMP86CS25AFG
10.3 Function
The TimerCounter 6 have the 8-bit timer, 8-bit event counter, 8-bit programmable divider output (PDO), 8-bit
pulse width modulation (PWM) output modes. The TimerCounter 5 and 6 (TC5, 6) are cascadable to form a 16-bit
timer. The 16-bit timer has the operating modes such as the 16-bit timer, 16-bit event counter, warm-up counter, 16-
bit pulse width modulation (PWM) output and 16-bit programmable pulse generation (PPG) modes.
10.3.1 8-Bit Timer Mode (TC5 and 6)
In the timer mode, the up-counter counts up using the internal clock. When a match between the up-counter
and the timer register j (TTREGj) value is detected, an INTTCj interrupt is generated and the up-counter is
cleared. After being cleared, the up-counter restarts counting.
Note 1: In the timer mode, fix TCjCR<TFFj> to 0. If not fixed, the PDOj, PWMj and PPGj pins may output pulses.
Note 2: In the timer mode, do not change the TTREGj setting while the timer is running. Since TTREGj is not in the
shift register configuration in the timer mode, the new value programmed in TTREGj is in effect immediately
after the programming. Therefore, if TTREGi is changed while the timer is running, an expected operation
may not be obtained.
Note 3: j = 5, 6
Table 10-4 Source Clock for TimerCounter 5, 6 (Internal Clock)
Source Clock
Resolution
Repeated Cycle
NORMAL1/2, IDLE1/2 mode
SLOW1/2,
SLEEP1/2
mode
fc = 16 MHz
fs = 32.768 kHz
fc = 16 MHz
fs = 32.768 kHz
DV7CK = 0
DV7CK = 1
fc/211 [Hz]
fs/23 [Hz]
fs/23 [Hz]
128
µs244.14 µs
32.6 ms
62.3 ms
fc/27
fc/27
–8
µs
–
2.0 ms
–
fc/25
fc/25
–2
µs
–
510
µs–
fc/23
fc/23
–
500 ns
–
127.5
µs–
Example :Setting the timer mode with source clock fc/27 Hz and generating an interrupt 80
µs later
(TimerCounter6, fc = 16.0 MHz)
LD
(TTREG6), 0AH
: Sets the timer register (80
µs
÷27/fc = 0AH).
DI
SET
(EIRH). 4
: Enables INTTC6 interrupt.
EI
LD
(TC6CR), 00010000B
: Sets the operating cock to fc/27, and 8-bit timer mode.
LD
(TC6CR), 00011000B
: Starts TC6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com