Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25AFG Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 120Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 121Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 122Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 123Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 124Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 125Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 126Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 194 page
background image
Page 114
10. 8-Bit TimerCounter (TC5, TC6)
10.1 Configuration
TMP86CS25AFG
10.3.5 16-Bit Timer Mode (TC5 and 6)
In the timer mode, the up-counter counts up using the internal clock. The TimerCounter 5 and 6 are cascad-
able to form a 16-bit timer.
When a match between the up-counter and the timer register (TTREG5, TTREG6) value is detected after the
timer is started by setting TC6CR<TC6S> to 1, an INTTC6 interrupt is generated and the up-counter is cleared.
After being cleared, the up-counter continues counting. Program the upper byte and lower byte in this order in
the timer register. (Programming only the upper or lower byte should not be attempted.)
Note 1: In the timer mode, fix TCjCR<TFFj> to 0. If not fixed, the PDOj, PWMj, and PPGj pins may output a pulse.
Note 2: In the timer mode, do not change the TTREGj setting while the timer is running. Since TTREGj is not in the
shift register configuration in the timer mode, the new value programmed in TTREGj is in effect immediately
after programming of TTREGj. Therefore, if TTREGj is changed while the timer is running, an expected
operation may not be obtained.
Note 3: j = 5, 6
Figure 10-6 16-Bit Timer Mode Timing Chart (TC5 and TC6)
Table 10-6 Source Clock for 16-Bit Timer Mode
Source Clock
Resolution
Repeated Cycle
NORMAL1/2, IDLE1/2 mode
SLOW1/2,
SLEEP1/2
mode
fc = 16 MHz
fs = 32.768 kHz
fc = 16 MHz
fs = 32.768 kHz
DV7CK = 0
DV7CK = 1
fc/211
fs/23
fs/23
128
µs244.14 µs
8.39 s
16 s
fc/27
fc/27
–8
µs
–
524.3 ms
–
fc/25
fc/25
–2
µs
–
131.1 ms
–
fc/23
fc/23
–
500 ns
–
32.8 ms
–
Example :Setting the timer mode with source clock fc/27 Hz, and generating an interrupt 300 ms later
(fc = 16.0 MHz)
LDW
(TTREG5), 927CH
: Sets the timer register (300 ms
÷27/fc = 927CH).
DI
SET
(EIRH). 4
: Enables INTTC6 interrupt.
EI
LD
(TC5CR), 13H
:Sets the operating cock to fc/27, and 16-bit timer mode
(lower byte).
LD
(TC6CR), 04H
: Sets the 16-bit timer mode (upper byte).
LD
(TC6CR), 0CH
: Starts the timer.
1
0
2
3
mn-1 mn 0
1
mn-1 mn
2
0
1
2
0
n
?
m
?
Internal
source clock
Counter
Match
detect
Counter
clear
Match
detect
Counter
clear
TC6CR<TC6S>
TTREG5
(Lower byte)
INTTC6 interrupt request
TTREG6
(Upper byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com